Electronic Components Datasheet Search |
|
LC1K0910G72 Datasheet(PDF) 2 Page - Schneider Electric |
|
LC1K0910G72 Datasheet(HTML) 2 Page - Schneider Electric |
2 / 2 page 2 Control circuit voltage limits 0.2...0.75 Uc at <= 122 °F (50 °C) drop-out 0.8...1.15 Uc at <= 122 °F (50 °C) operational Operating rate 3600 cyc/h Coil technology Built-in bidirectional peak limiting diode suppressor Auxiliary contacts type Type instantaneous (1 NO) Signalling circuit frequency <= 400 Hz Minimum switching current 5 mA signalling circuit Minimum switching voltage 17 V signalling circuit Operating time 10...20 ms coil de-energisation and NO opening 10...20 ms coil energisation and NO closing Safety reliability level B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1 B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1 Non overlap distance 0.02 in (0.5 mm) Mechanical robustness Shocks contactor closed, on X axis 10 Gn for 11 ms IEC 60068-2-27 Shocks contactor closed, on Y axis 15 Gn for 11 ms IEC 60068-2-27 Shocks contactor closed, on Z axis 15 Gn for 11 ms IEC 60068-2-27 Shocks contactor opened, on X axis 6 Gn for 11 ms IEC 60068-2-27 Shocks contactor opened, on Y axis 10 Gn for 11 ms IEC 60068-2-27 Shocks contactor opened, on Z axis 10 Gn for 11 ms IEC 60068-2-27 Vibrations contactor closed 4 Gn, 5...300 Hz IEC 60068-2-6 Vibrations contactor opened 2 Gn, 5...300 Hz IEC 60068-2-6 Environment Product certifications CSA UL Protective treatment TC conforming to IEC 60068 TC conforming to DIN 50016 Operating altitude 6561.68 ft (2000 m) without derating Flame retardance V1 conforming to UL 94 Requirement 2 conforming to NF F 16-101 Requirement 2 conforming to NF F 16-102 Ordering and shipping details Category 22326 - CTR,K-LINE,AC,OPEN,NONREV Discount Schedule I12 GTIN 003389110105551 Nbr. of units in pkg. 1 Package weight(Lbs) 0.40000000000000002 Returnability N Country of origin FR Offer Sustainability Sustainable offer status Green Premium product RoHS (date code: YYWW) Compliant - since 0825 - Schneider Electric declaration of conformity Schnei- der Electric declaration of conformity REACh Reference not containing SVHC above the threshold Product environmental profile Available Product end of life instructions Available California proposition 65 WARNING: Cancer - www.P65Warnings.ca.gov Contractual warranty Warranty period 18 months |
Similar Part No. - LC1K0910G72 |
|
Similar Description - LC1K0910G72 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |