Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T20128L7BB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72T20128L7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T20128L7BB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72T20128L7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 9Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 10Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 11Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 12Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 13Page - Integrated Device Technology IDT72T20128L7BB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72T2098/108/118/128 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATIONS
32K x 20/64K x 10, 64K x 20/128K x 10, 128K x 20/256K x 10, 256K x 20/512K x 10
0
0
0
0
.
Unit
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 2.5V
± 5%, TA = 0°C to +70°C;Industrial: VCC = 2.5V ± 5%, TA = -40°C to +85°C)
Commercial
Commercial
Com’l & Ind’l(2)
Commercial
IDT72T2098L4
IDT72T2098L5
IDT72T2098L6-7
IDT72T2098L10
IDT72T20108L4
IDT72T20108L5
IDT72T20108L6-7
IDT72T20108L10
IDT72T20118L4
IDT72T20118L5
IDT72T20118L6-7
IDT72T20118L10
IDT72T20128L4
IDT72T20128L5
IDT72T20128L6-7
IDT72T20128L10
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS1
Clock Cycle Frequency SDR
250
200
150
100
MHz
fS2
Clock Cycle Frequency DDR
150
150
150
100
MHz
tA
Data Access Time
0.6
3.2
0.6
3.6
0.6
3.8
0.6
4.5
ns
tASO
Data Access Serial Output Time
0.6
3.2
0.6
3.6
0.6
3.8
0.6
4.5
ns
tCLK1
Clock Cycle Time SDR
4
5
6.7
10
ns
tCLK2
Clock Cycle Time DDR
6.7
6.7
6.7
10
ns
tCLKH1
Clock High Time SDR
1.8
2.3
2.8
4.5
ns
tCLKH2
Clock High Time DDR
2.8
2.8
2.8
4.5
ns
tCLKL1
Clock Low Time SDR
1.8
2.3
2.8
4.5
ns
tCLKL2
Clock Low Time DDR
2.8
2.8
2.8
4.5
ns
tDS
DataSetupTime
1.2
1.5
2.0
3.0
ns
tDH
Data Hold Time
0.5
0.5
0.5
0.5
ns
tENS
Enable Setup Time
1.2
1.5
2.0
3.0
ns
tENH
Enable Hold Time
0.5
0.5
0.5
0.5
ns
tWCSS
WCS setup time
1.2
1.5
2.0
3.0
ns
tWCSH
WCS hold time
0.5
0.5
0.5
0.5
ns
fC
Clock Cycle Frequency (SCLK)
10
10
10
10
MHz
tSCLK
Serial Clock Cycle
100
100
100
100
ns
tSCKH
Serial Clock High
45
45
45
45
ns
tSCKL
Serial Clock Low
45
45
45
45
ns
tSDS
Serial Data In Setup
15
15
15
15
ns
tSDH
Serial Data In Hold
5
5
5
5
ns
tSENS
Serial Enable Setup
5
5
5
5
ns
tSENH
Serial Enable Hold
5
5
5
5
ns
tRS
Reset Pulse Width(3)
30
30
30
30
ns
tRSS
ResetSetupTime
15
15
15
15
ns
tHRSS
HSTL Reset Setup Time
4
4
4
4
µs
tRSR
Reset Recovery Time
10
10
10
10
ns
tRSF
Reset to Flag and Output Time
10
12
15
15
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0—
0—
0
ns
tOE
Output Enable to Output Valid
3.2
3.6
3.8
4.5
ns
tOHZ
Output Enable to Output in High Z(4)
3.2
3.6
3.8
4.5
ns
tWFF
Write Clock to
FF or IR
3.2
3.6
3.8
4.5
ns
tREF
Read Clock to
EF or OR
3.2
3.6
3.8
4.5
ns
tPAFS
Write Clock to Programmable Almost-Full Flag
3.2
3.6
3.8
4.5
ns
tPAES
Read Clock to Programmable Almost-EmptyFlag
3.2
3.6
3.8
4.5
ns
tERCLK
RCLK to Echo RCLK output
3.6
4
4.3
5
ns
tCLKEN
RCLK to Echo
REN output
3.2
3.6
3.8
4.5
ns
tRCSLZ
RCLK to Active from High-Z
3.2
3.6
3.8
4.5
ns
tRCSHZ
RCLK to High-Z(4)
3.2
3.6
3.8
4.5
ns
tSKEW1
Skew time between RCLK and WCLK for
EF/OR and FF/IR
3.5
—4
—5
—7
ns
tSKEW2
Skew time between RCLK & WCLK for
EF/OR & FF/IR in DDR mode
3.5
—4
—5
—7
ns
tSKEW3
Skew time between RCLK and WCLK for
PAE and PAF
4—
5—
6—
8
ns
NOTES:
1. All AC timings apply to both IDT Standard mode and First Word Fall Through mode.
2. Industrial temperature range product for the 6-7ns speed grade is available as a standard device. All other speed grades are available by special order.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.


Similar Part No. - IDT72T20128L7BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T20128L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com