Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON3732A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ON3732A
Description  Optoisolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON3732A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ON3732A Datasheet HTML 1Page - Panasonic Semiconductor ON3732A Datasheet HTML 2Page - Panasonic Semiconductor ON3732A Datasheet HTML 3Page - Panasonic Semiconductor ON3732A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Optoisolators (Photocouplers)
CNZ3731, CNC7C501, CNZ3734, CNC2S501, CNC7C502, CNC7H501
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
PD — Ta
200
150
100
50
Ambient temperature
Ta (˚C )
25
75
125
0
50
100
0
– 30
IFP — DR
10 5
10 4
10 3
10 2
Duty ratio
D
R
1
10
Pulse width
≤ 100µs
Ta = 25˚C
10 –1
10 –2
10 –3
Relative CTR — Ta
120
100
80
60
Ambient temperature
Ta (˚C )
40
IF = 1mA
VCE = 2V
IC — IF
10 3
10 2
10
1
Forward current
I
F (mA)
110
10 2
10 –1
10 –1
VCE = 2V
Ta = 25˚C
CTR — IF
10 6
10 3
10 5
10 4
Forward current
I
F (mA)
110
10 2
10 2
10 –1
VCE = 2V
Ta = 25˚C
IC — VCE
160
40
80
120
Collector to emitter voltage
V
CE (V)
24
8
6
0
0
Ta = 25˚C
PC — Ta
400
300
200
100
Ambient temperature
Ta (˚C )
25
75
125
0
50
100
0
– 30
IC — VCE(sat)
Collector saturation voltage V
CE(sat) (V)
10 3
10 2
10
1
10 –1
Ta = 25˚C
0
0.4
0.8
1.2
0
20406080
100
– 40 – 20
CNZ3731
CNC2S501
CNC7C501/
CNC7C502
CNZ3734/
CNC7H501
IF = 5mA
3mA
2mA
1.5mA
Pc(max.)
0.5mA
1mA
0.5mA
2mA
1mA
IF = 5mA


Similar Part No. - ON3732A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3131 PANASONIC-ON3131 Datasheet
91Kb / 4P
   Optoisolators
ON3132 PANASONIC-ON3132 Datasheet
91Kb / 4P
   Optoisolators
ON3133 PANASONIC-ON3133 Datasheet
91Kb / 4P
   Optoisolators
ON3134 PANASONIC-ON3134 Datasheet
91Kb / 4P
   Optoisolators
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
More results

Similar Description - ON3732A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com