Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L62ACV Datasheet(PDF) 6 Page - Exar Corporation

Part # XRD98L62ACV
Description  CCD Image Digitizers with CDS, PGA and 12-Bit A/D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L62ACV Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRD98L62ACV Datasheet HTML 2Page - Exar Corporation XRD98L62ACV Datasheet HTML 3Page - Exar Corporation XRD98L62ACV Datasheet HTML 4Page - Exar Corporation XRD98L62ACV Datasheet HTML 5Page - Exar Corporation XRD98L62ACV Datasheet HTML 6Page - Exar Corporation XRD98L62ACV Datasheet HTML 7Page - Exar Corporation XRD98L62ACV Datasheet HTML 8Page - Exar Corporation XRD98L62ACV Datasheet HTML 9Page - Exar Corporation XRD98L62ACV Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
XRD98L62
6
Rev. P2.00
Preliminary
DC ELECTRICAL CHARACTERISTICS - XRD98L62 (CONT'D)
Unless otherwise specified: OVDD = DVDD =AVDD = 3.0V, Pixel Rate = 30MSPS, TA = 25°C
Rext= 20KOhm
Symbol
Parameter
Min.
Typ. Max.
Unit
Conditions
System Specifications
DNLS
System DNL
+0.75
LSB
No missing codes, monotonic
en MAXAV
Input Referred Noise, Max.Gain
180
µV
rms
Gain Code = 768 (36db)
en MINAV
Input Referred Noise, Min.Gain
800
µV
rms
Gain Code = 0 (0dB)
Latency
Pipeline Delay
7.5
cycles
Digital Inputs (Digital Input Thresholds are Set by DVDD)
VIH
Digital Input High Voltage
2.0
V
VIL
Digital Input Low Voltage
0.7
V
IL
DC Leakage Current
5
µAV
IN between GND and VDD.
CIN
Input Capacitance
5
pF
Digital Outputs
VOH
Digital Output High Voltage
OVDD-0.5
V
While sourcing 2mA.
VOL
Digital Output Low Voltage
0.5
V
While sinking 2mA.
IOZ
High–Z Leakage
-10
10
µA
OE = 0 or PD = 1.


Similar Part No. - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
More results

Similar Description - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com