Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7780 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7780
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7780 Datasheet(HTML) 6 Page - New Japan Radio

  NJU7780 Datasheet HTML 1Page - New Japan Radio NJU7780 Datasheet HTML 2Page - New Japan Radio NJU7780 Datasheet HTML 3Page - New Japan Radio NJU7780 Datasheet HTML 4Page - New Japan Radio NJU7780 Datasheet HTML 5Page - New Japan Radio NJU7780 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NJU7780/81
- 6 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
01
23
4
5
NJU7780_3.0V
ON/OFF Transient Response
Time : t [ms]
Control Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0
µF(Ceramic)
R
L
=100
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
01
2345
NJU7781_3.0V
ON/OFF Transient Response
Time : t [ms]
Control Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0
µF(Ceramic)
R
L
=100
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-2
-1
0
1
2
3
4
5
6
0
40
80
120
160
200
NJU7780/81_3.0V
Input Transient Response
Time : t [
µµµµs]
Input Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0
µF(Ceramic)
R
L
=100
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-250
-200
-150
-100
-50
0
50
100
150
028
56
84
112
140
NJU7780/81_3.0V
Load Transient Response
Time : t [
µµµµs]
Output Current
Output Voltage
@:Ta=25oC
VDD=4.0V
Co=1.0
µF(Ceramic)
Io=50mA
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJU7780

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77806 NJRC-NJU77806 Datasheet
938Kb / 11P
   5.5nV/ Hz Low Noise, 500μA low Power, Rail-to-Rail Output CMOS Operational Amplifier
Ver.00
NJU77806F3 NJRC-NJU77806F3 Datasheet
938Kb / 11P
   5.5nV/ Hz Low Noise, 500μA low Power, Rail-to-Rail Output CMOS Operational Amplifier
Ver.00
More results

Similar Description - NJU7780

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com