Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T20128L4BBI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72T20128L4BBI
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T20128L4BBI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72T20128L4BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T20128L4BBI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72T2098/108/118/128 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATIONS
32K x 20/64K x 10, 64K x 20/128K x 10, 128K x 20/256K x 10, 256K x 20/512K x 10
PIN DESCRIPTION (CONTINUED)
RCS
Read Chip
HSTL-LVTTL
RCS provides synchronous enable/disable control of the read port and High-Impedance control of the
(F14)
Select
INPUT
Qn data outputs, synchronous to RCLK. When using
RCS theOEpinmustbetiedLOW. DuringMaster
orPartialResetthe
RCSinputisdon’tcare,ifOEisLOWthedataoutputswillbeLow-Impedanceregardless
of
RCS.
REN
Read Enable
HSTL-LVTTL When LOW and in DDR mode,
REN along with a rising and falling edge of RCLK will send data in FIFO
(F16)
INPUT
memory to the output register and read the current data in output register. In SDR mode data will only
be read on the rising edge of RCLK only.
RSDR(1)
Read Single
LVTTL
When LOW, this input pin sets the read port to Single Data Clock mode. When HIGH, the read port will
(L2)
Data Rate
INPUT
operate in Double Data Clock mode. This pin must be tied either HIGH or LOW and cannot toggle during
operation.
RT
Retransmit
HSTL-LVTTL
RTassertedontherisingedgeofRCLKinitializesthereadpointertothefirstlocationinmemory. EFflag
(F15)
INPUT
is set to LOW (
OR to HIGH in FWFT mode). The write pointer, offset registers, and flag settings are not
affected.IfamarkhasbeensetviatheMARKinputpin,thenthereadpointerwillinitializetothemarklocation
when
RT is asserted.
SCLK
Serial Clock
LVTTL
A rising edge of SCLK will clock the serial data present on the SI input into the offset registers provided
(H15)
INPUT
that
SENisenabled.ArisingedgeofSCLKwillalsoreaddataoutoftheoffsetregistersprovidedthatSREN
is enabled.
SEN
Serial Input
HSTL-LVTTL
SEN used in conjunction with SI and SCLK enables serial loading of the programmable flag offsets.
(J15)
Enable
INPUT
SREN
Serial Read
HSTL-LVTTL
SREN used in conjunction with SO and SCLK enables serial reading of the programmable flag offsets.
(J16)
Enable
INPUT
SI
Serial Input
HSTL-LVTTL This input pin is used to load serial data into the programmable flag offsets. Used in conjunction with
SEN
(H16)
INPUT
and SCLK.
SO
SerialOutput
HSTL-LVTTL This output pin is used to read data from the programmable flag offsets. Used in conjunction with
SREN
(K15)
OUTPUT
and SCLK.
TCK(2)
JTAG Clock
HSTL-LVTTL Clock input for JTAG function. One of four terminals required by IEEE Standard 1149.1-1990. Test
(F1)
INPUT
operationsofthedevicearesynchronoustoTCK.DatafromTMSandTDIaresampledontherisingedge
of TCK and outputs change on the falling edge of TCK. If the JTAG function is not used this signal needs
to be tied to GND.
TDI(2)
JTAG Test Data HSTL-LVTTL One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan
(E2)
Input
INPUT
operation, test data serially loaded via the TDI on the rising edge of TCK to either the Instruction Register,
ID Register and Bypass Register. An internal pull-up resistor forces TDI HIGH if left unconnected.
TDO(2)
JTAG Test Data HSTL-LVTTL One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan
(F3)
Output
OUTPUT
operation,testdataseriallyloadedoutputviatheTDOonthefallingedgeofTCKfromeithertheInstruction
Register, ID Register and Bypass Register. This output is high impedance except when shifting, while in
SHIFT-DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
HSTL-LVTTL TMS is a serial input pin. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the
(F2)
Select
INPUT
thedevicethroughitsTAPcontrollerstates.Aninternalpull-upresistorforcesTMSHIGHifleftunconnected.
TRST(2)
JTAG Reset
HSTL-LVTTL
TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller does not
(E3)
INPUT
automatically reset upon power-up, thus it must be reset by either this signal or by setting TMS= HIGH
for five TCK cycles. If the TAP controller is not properly reset then the FIFO outputs will always be in high-
impedance. If the JTAG function is used but the user does not want to use
TRST,thenTRSTcanbetied
with
MRS to ensure proper FIFO operation. If the JTAG function is not used then this signal needs to be
tied to GND. An internal pull-up resistor forces
TRST HIGH if left unconnected.
WCLK
WriteClock
HSTL-LVTTL Input clock when used in conjunction with
WEN for writing data into the FIFO memory.
(G1)
INPUT
WCS
WriteChipSelect HSTL-LVTTL The
WCS pin an be regarded as a second WEN input, enabling/disabling write operations.
(H2)
INPUT
WEN
WriteEnable
HSTL-LVTTL When LOW and in DDR mode,
WENalong with a rising and falling edge of WCLK will write data into the
(H1)
INPUT
FIFO memory. In SDR mode data will only be read on the rising edge of RCLK only.
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T20128L4BBI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T20128L4BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com