Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLV34X245 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSLV34X245
Description  32-Bit Bus Switch (Preliminary)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSLV34X245 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSLV34X245 Datasheet HTML 1Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 2Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 3Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 4Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Typical values are at VCC = 3.3V and TA = +25°C
Note 5: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Switch Voltage (VS)
−0.5V to +4.6V
DC Input Voltage (VIN) (Note 2)
−0.5V to +4.6V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/IGND)
+/− 100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
3.0V to 3.6V
Control Input Voltage
0V to 3.6V
Switch Input Voltage
0V to 3.6V
Output Voltage (VOUT)0V to 3.6V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 4 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)
−40 °C to +85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 4)
Max
VIK
Clamp Diode Voltage
3.0
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
2.7 - 3.6
2.0
V
2.3 - 2.7
1.7
VIL
LOW Level Input Voltage
2.7 - 3.6
0.8
V
2.3 - 2.7
0.7
II
Input Leakage Current
3.6
±1.0
µA0 ≤ V
IN ≤ 3.6V
010
µAV
IN = 3.6V
IOFF
OFF-STATE Leakage Current
0
±10.0
µA0 ≤ A, B ≤ V
CC
IOZ
OFF-STATE Leakage
3.6
±1
µA0.0V ≤ A, B ≤ 3.6V
RON
Switch On Resistance
3.0
5
7
VIN = 0V, IIN = 64 mA
(Note 5)
3.0
5
7
VIN = 0V, IIN = 30 mA
3.0
10
15
VIN = 2.4V, IIN = 15 mA
3.0
20
VIN = 3.0V, IIN = 15 mA
2.3
5
8
VIN = 0.0V, IIN = 64 mA
2.3
5
8
VIN = 0.0V, IIN = 30 mA
2.3
10
15
VIN = 1.7V, IIN = 15 mA
2.3
20
VIN = 2.3V, IIN = 15 mA
ICC
Quiescent Supply Current
3.6
3
µAV
IN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
3.6
300
µA
One Input at 3.0V
Other Inputs at VCC or GND


Similar Part No. - FSLV34X245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
304Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSLV16211GX FAIRCHILD-FSLV16211GX Datasheet
304Kb / 8P
   24-Bit Bus Switch
FSLV16211MTD FAIRCHILD-FSLV16211MTD Datasheet
304Kb / 8P
   24-Bit Bus Switch
More results

Similar Description - FSLV34X245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16244 FAIRCHILD-FST16244 Datasheet
162Kb / 4P
   16-Bit Bus Switch (Preliminary)
FST34X245 FAIRCHILD-FST34X245 Datasheet
360Kb / 5P
   32-Bit Bus Switch
logo
Texas Instruments
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
SN74CBT34X245 TI-SN74CBT34X245 Datasheet
118Kb / 7P
[Old version datasheet]   32-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FSTD16244 FAIRCHILD-FSTD16244 Datasheet
186Kb / 6P
   16-Bit Bus Switch with Level Shifting (Preliminary)
logo
Pericom Semiconductor C...
PI5C34X245 PERICOM-PI5C34X245_11 Datasheet
628Kb / 4P
   32-Bit, 2-Port Bus Switch
PI5C34X245 PERICOM-PI5C34X245 Datasheet
344Kb / 5P
   32-Bit, 2-Port Bus Switch
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
595Kb / 40P
   RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
logo
Fairchild Semiconductor
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com