Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2307 Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK2307
Description  SPEECH CODEC for Digital Key telephone (5.0V/3.3V)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2307 Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK2307 Datasheet HTML 23Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 24Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 25Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 26Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 27Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 28Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 29Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 30Page - Asahi Kasei Microsystems AK2307 Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
ASAHI KASEI
[AK2307/LV]
MS0190-E-05
2005/12
27
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, guaranteed for VDD=+5.0V+/-5%(AK2307), VDD=+3.3V+/-0.3V(AK2307LV), Ta =
–10 ~ +85
oC, FS=8kHz.
DC Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Consumption
BCLK=2048kHz
Idd
* Note1)
-
20
-
mA
Output High Voltage
(CMOS level)
VOH
IOH=-1.6mA
VDD-0.5
V
Output Low Voltage
(CMOS level)
VOL
IOL=1.0mA
0.4
V
Input High Voltage1
(CMOS level)
VIH1
0.7VDD
V
Input Low Voltage1
(CMOS level)
VIL1
0.3VDD
V
Input Leakage Current
Ii
-10
+10
uA
Input Capacitance
Ci
5
pF
Input Leakage Current
Ill
-10
10
uA
Output Leakage Current
Ilt
Tri-state mode
-10
10
uA
*Note1) All the output pin are unloaded. 1020Hz@0dBm0
sine wave from HANDT2/3, A to A loopbacked.
All the volume gain are set to 0dB and two of the tone generator are off. The handset mic and receiver paths are only
active.


Similar Part No. - AK2307

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
   Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
   3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK2307

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2308LV AKM-AK2308LV_05 Datasheet
423Kb / 31P
   SPEECH CODEC for Digital Key telephone
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
   Telephone Speech Circuit
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
   Telephone Speech Circuit
logo
Panasonic Semiconductor
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
   AGC IC for telephone speech network
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
Texas Instruments
TCM1705A TI-TCM1705A Datasheet
551Kb / 12P
[Old version datasheet]   TCM1705A INTEGRATED SPEECH CIRCUIT FOR TELEPHONE SET
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
STMicroelectronics
L3280 STMICROELECTRONICS-L3280 Datasheet
218Kb / 6P
   LOW VOTAGE TELEPHONE SPEECH CIRCUIT
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com