Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43212107 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part No. 43212107
Description  Thermal transfer printer - THERMOMARK GO.K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43212107 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 43212107 Datasheet HTML 7Page - PHOENIX CONTACT 43212107 Datasheet HTML 8Page - PHOENIX CONTACT 43212107 Datasheet HTML 9Page - PHOENIX CONTACT 43212107 Datasheet HTML 10Page - PHOENIX CONTACT 43212107 Datasheet HTML 11Page - PHOENIX CONTACT 43212107 Datasheet HTML 12Page - PHOENIX CONTACT 43212107 Datasheet HTML 13Page - PHOENIX CONTACT 43212107 Datasheet HTML 14Page - PHOENIX CONTACT 43212107 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1184146
09/12/2020   Page 14 / 15
Thermal transfer printer - THERMOMARK GO.K - 1184146
Accessories
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK - 0803928
Shrink sleeve, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK
GO.K, mounting type: slide-on, cable diameter range: 2.4 ... 4.8 mm, lettering field size: continuous x 9 mm
 
 
Shrink sleeve - MM-WMS-2 6,4 (EX10)R C1 WH/BK - 0803929
Shrink sleeve, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK
GO.K, mounting type: slide-on, cable diameter range: 3.2 ... 6.4 mm, lettering field size: continuous x 10˽mm
 
 
Shrink sleeve - MM-WMS-2 9,5 (EX16)R C1 WH/BK - 0803930
Shrink sleeve, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK
GO.K, mounting type: slide-on, cable diameter range: 4.8 ... 9.5 mm, lettering field size: continuous x 16˽mm
 
 
Terminal marking
Label - MM-TML (EX4,2)R C1 TR/BK - 0803979
Label, Roll, transparent, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: adhesive, for terminal block width: 8000 mm, lettering field size: continuous x 4.2˽mm
 
 
Label - MM-TML (EX9,5)R C1 TR/BK - 0803981
Label, Roll, transparent, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: adhesive, for terminal block width: 8000 mm, lettering field size: continuous x 9.5˽mm
 
 


Similar Part No. - 43212107

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43212107 PHOENIX-43212107 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
43212107 PHOENIX-43212107 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
43212107 PHOENIX-43212107 Datasheet
48Kb / 2P
   Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
43212107 PHOENIX-43212107 Datasheet
48Kb / 2P
   Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
43212107 PHOENIX-43212107 Datasheet
46Kb / 2P
   Magazine insert - CMS-P1-M/WAGO WSB 4
09/12/2020
More results

Similar Description - 43212107

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
   Thermal transfer printer - THERMOMARK GO
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
   Thermal transfer printer - THERMOMARK PRIME
02/04/2022
1085260 PHOENIX-1085260 Datasheet
108Kb / 9P
   Thermal transfer printer - THERMOMARK ROLL 2.0
09/12/2020
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
TE Connectivity Ltd
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
T2212 TEC-T2212 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
PHOENIX CONTACT
PHOENIX CONTACT
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
   Transport bag - THERMOMARK GO.K BAG
PANDUIT CORP.
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz