Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43212107 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43212107
Description  Thermal transfer printer - THERMOMARK GO.K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43212107 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43212107 Datasheet HTML 1Page - PHOENIX CONTACT 43212107 Datasheet HTML 2Page - PHOENIX CONTACT 43212107 Datasheet HTML 3Page - PHOENIX CONTACT 43212107 Datasheet HTML 4Page - PHOENIX CONTACT 43212107 Datasheet HTML 5Page - PHOENIX CONTACT 43212107 Datasheet HTML 6Page - PHOENIX CONTACT 43212107 Datasheet HTML 7Page - PHOENIX CONTACT 43212107 Datasheet HTML 8Page - PHOENIX CONTACT 43212107 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1184146
09/12/2020   Page 1 / 15
Thermal transfer printer - THERMOMARK GO.K - 1184146
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Mobile thermal transfer printer for marking materials in cartridge format. The printer can print materials in
continuous format up to a material width of 24 mm.
Product Description
The THERMOMARK GO.K handheld printer is ideal for fast marking on site. The thermal transfer printer is robust, easy to use, and offers versatile
functions. It processes continuous media for terminal marking, cable and wire marking, equipment marking, and plant marking.
Your advantages
 Maintenance-free operation with proven thermal transfer printing technology
 Alternative, easy control with PROJECT COMPLETE software
 Printing of self-adhesive and non-adhesive labels as well as shrink sleeves
 The THERMOMARK GO.K prints materials in cartridge format, which contain the material to be marked and the appropriate ink ribbon.
 Intuitive user guidance thanks to a well-structured menu and direct input keys
 8 different bar codes and over 300 symbols can be integrated; up to 20 projects can be created and stored directly on the device.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4063151223441
Technical data
General
Interface
USB
Weight
656 g
Dimensions
Length
230 mm
Height
69 mm
Width
98 mm
Connection data


Similar Part No. - 43212107

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43212107 PHOENIX-43212107 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
43212107 PHOENIX-43212107 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
43212107 PHOENIX-43212107 Datasheet
48Kb / 2P
   Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
43212107 PHOENIX-43212107 Datasheet
48Kb / 2P
   Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
43212107 PHOENIX-43212107 Datasheet
46Kb / 2P
   Magazine insert - CMS-P1-M/WAGO WSB 4
09/12/2020
More results

Similar Description - 43212107

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
   Thermal transfer printer - THERMOMARK GO
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
   Thermal transfer printer - THERMOMARK PRIME
02/04/2022
1085260 PHOENIX-1085260 Datasheet
108Kb / 9P
   Thermal transfer printer - THERMOMARK ROLL 2.0
09/12/2020
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
TE Connectivity Ltd
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
T2212 TEC-T2212 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
PHOENIX CONTACT
PHOENIX CONTACT
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
   Transport bag - THERMOMARK GO.K BAG
PANDUIT CORP.
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz