Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6392 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AD6392
Description  4-CH MOTOR DRIVE IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AD6392 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD6392 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
- 9 -
April. 2002 (Rev.0)
www.interpionsemi.com
AD6392
4-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
Fig. 6 Operation waveforms of CH1, CH2 and CH3 drive parts
Input waveform (digital servo output).
(Pin4,5,9,10,19,20)
Output waveform at internal filter(RCIN).
(Pin3,11,18)
Final output waveform.
(Pin1,2,12,13,26,27)
- Operation principle
If FWD is high and REV is low, then SW_FWD and SW_REV become on and off, respectively.
This causes the internal capacitor to be charged with sourcing current of 22 uA and consequently the
voltage of the filter output (RCIN) increases with the internal time constant of 2.4usec (time constant =
R*C=24 pF * 100 Kohm =2.4usec). Then the output current of V-I converter is given by
The output voltages of power amplifiers are, then, given as:
di=
100
VRCIN
K
RCIN
Pref
=
DOF
+
RCIN
Pref
=
DOR


Similar Part No. - AD6392

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD639 AD-AD639 Datasheet
900Kb / 12P
   UNIVERSAL TRIGONOMETRIC FUNCTION CONVERTER
AD639 AD-AD639_15 Datasheet
1Mb / 12P
   Universal Trigonometric Function Converter
More results

Similar Description - AD6392

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
   Spindle4-CH Motor Drive IC
logo
Interpion semiconductor
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Panasonic Semiconductor
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
   2-ch Motor drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com