Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACV11012 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # ACV11012
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACV11012 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  ACV11012 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACV11012 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACV11012 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ACV11012 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CV
4
2-(3). Electrical life (Lamp load)
Tested sample: ACV31212
Quantity: n = 5
Load: 120W, Inrush 80A, Steady 10A, 14V DC
Operating frequency: ON 2s, OFF 13s
Ambient temperature: Room temperature
Circuit:
Tested sample
120W
0
2
4
6
8
10
010
Pick-up voltage
Drop-out voltage
No. of operations,
× 104
Contact welding: 0 times
Miscontact: 0 times
X
X
Max.
Max.
Min.
Min.
NOTES
1. Coil operating power
Pure DC current should be applied to the
coil.The wave form should be rectangular.
If it includes ripple, the ripple factor should
be less than 5%. However, check it with
the actual circuit since the characteristics
may be slightly different.
2. Voltage applied to coil
To ensure reliable operation, please apply
nominal voltage to the coil. Beware of the
fact that pick-up voltage and drop-out
voltage vary depending on the ambient
temperature and conditions.
3. Operating life
Operating life varies depending on the
type and load of the coil drive circuit, as
well as factors like the operating
frequency, operating phase and ambient
atmosphere, so please check with actual
equipment.
4.Soldering
We recommend the following soldering
conditions.
1) Automatic soldering
* Preheating: 100°C 212°F, within 2 mins
(PC board solder surface)
* Soldering: 260°C 500°F, within 5 s
2) Hand soldering
* Iron tip temperature: 280 to 300°C 536
to 571°F
* Soldering iron: 30 to 60W
* Soldering time: Within 5 s
5. Usage, transport and storage
conditions
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature:
–40 to +85°C –40 to +185°F
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
(3) Atmospheric pressure: 86 to 106 kPa
2) Condensation
Condensation forms when there is a
sudden change in temperature under high
temperature and high humidity conditions.
Condensation will cause deterioration of
the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the
temperatures are lower than 0°C 32°F.
This causes problems such as sticking of
movable parts or operational time lags.
4) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
6. Others
1) If in error the relay has been dropped,
the appearance and characteristics
should be checked before use without fail.
2) Please do not use the coating material
of organic system which contains solvents
such as xylene and toluene for this
product.
Tolerance range
(Avoid
condensation when
used at temperatures
higher than 0
°C 32°F)
(Avoid freezing when
used at temperatures
lower than 0
°C 32°F)
85
5
–40
–40
0
+32
+85
+185
Temperature,
°C °F
Humidity, %R.H.
12/1/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog
cv.fm
4
y [ W
QOOPNPQ
PPœ@˛jœ@
ªR
QQ“


Similar Part No. - ACV11012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACV11012 PANASONIC-ACV11012 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
More results

Similar Description - ACV11012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACR22 PANASONIC-ACR22 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
   micro 280 automotive relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
   micro 280 automotive relay
logo
Omron Electronics LLC
G8VA OMRON-G8VA Datasheet
444Kb / 2P
   Automotive low profile micro 280 terminal layout relay
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
   15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
   High-Current Micro 280 Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com