Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W536030K Datasheet(PDF) 4 Page - Winbond

Part # W536030K
Description  VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536030K Datasheet(HTML) 4 Page - Winbond

  W536030K Datasheet HTML 1Page - Winbond W536030K Datasheet HTML 2Page - Winbond W536030K Datasheet HTML 3Page - Winbond W536030K Datasheet HTML 4Page - Winbond W536030K Datasheet HTML 5Page - Winbond W536030K Datasheet HTML 6Page - Winbond W536030K Datasheet HTML 7Page - Winbond W536030K Datasheet HTML 8Page - Winbond W536030K Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
W536020K/030K/060K/090K/120K
- 4 -
− 1/8 or 1/4 duty, 1/4 or 1/3 bias, internal pump circuit option by special register
− COM 4~ 7 and SEG16~39 can be shared as general input/output by special register
− Either uC ROM or voice ROM used as LCD picture
• Speech function
− Provided 640K / 1M/ 2M/ 3M/ 4M bits Voice ROM for W536020K/030K/060K/090K/120K
based on 5 bits MDPCM algorithm
− Voice ROM (V-ROM) available for uC data or LCD picture data.
− Maximum 8*256 Label/Interrupt vector (voice section number) available
− Provide two types of speech busy flag to either each GO or each trigger
− Maximum up to 16M bits speech address capability interface with external memory
W55XXX through serial bus.
• Melody function
− Provide 1K notes (22bits/note) dedicated melody ROM
− Provide two types of melody busy flag to uC either each note or each song
− Provide 6 kinds of beat, 16 kinds of tempo, and pitch range from G3# to C7
− Tremolo, triple frequency and 3 kinds of percussion available
− Maximum 31 songs available
• Can mix speech with melody
• Multi-engine controller
• Direct driving speaker/buzzer or DAC output
• Chip On Board available


Similar Part No. - W536030K

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
More results

Similar Description - W536030K

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com