Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858003VXC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 5962R9858003VXC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858003VXC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  5962R9858003VXC Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858003VXC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DC ELECTRICAL CHARACTERISTICS 1
( -55
°C < T
C < +125°C) (T C = -55 °
°C to +125°°C for "C" screening and -40°°C to +125 °°C for "W" screening)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
V
T+
Schmitt Trigger, positive going threshold2
V
DD from 3.00 to 5.5
.7V
DD
V
VT-
Schmitt Trigger, negative going threshold
2
VDD from 3.00 to 5.5
.3VDD
V
VH1
Schmitt Trigger range of hysteresis10
V
DD from 4.5 to 5.5
0.6
V
VH2
Schmitt Trigger range of hysteresis10
VDD from 3.00 to 3.6
0.4
V
IIN
Input leakage current10
VDD from 3.6 to 5.5
VIN = VDD or VSS
-1
3
µA
I
OZ
Three-state output leakage current10
V
DD from 3.6 to 5.5
VIN = VDD or VSS
-1
3
µA
I
CS
Cold sparing leakage current3
V
IN = 5.5
VDD = VSS
-1
5
µA
I
OS1
Short-circuit output current 6, 11
V
O = VDD or VSS
VDD from 4.5 to 5.5
-200
200
mA
I
OS2
Short-circuit output current
6, 11
V
O = VDD or VSS
VDD from 3.00 to 3.6
-100
100
mA
VOL1
Low-level output voltage
4, 10
IOL= 8mA
IOL= 100µA
V
DD = 4 .5
0.4
0.2
V
VOL2
Low-level output voltage
4, 10
IOL= 8mA
I
OL= 100µA
VDD = 3.00
0.5
0.2
V
VOH1
High-level output voltage4, 10
IOH= -8mA
I
OH= -100µA
VDD = 4.5
VDD - 0.7
VDD - 0.2
V
V
OH2
High-level output voltage4, 10
IOH= -8mA
IOH= -100µA
V
DD = 3 .00
V
DD - 0.9
VDD - 0.2
V


Similar Part No. - 5962R9858003VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9858101VXC INTERSIL-5962R9858101VXC Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
logo
Aeroflex Circuit Techno...
5962R9858301QXA AEROFLEX-5962R9858301QXA Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXC AEROFLEX-5962R9858301QXC Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXX AEROFLEX-5962R9858301QXX Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXXA AEROFLEX-5962R9858301QXXA Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
More results

Similar Description - 5962R9858003VXC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164646S AEROFLEX-UT54ACS164646S Datasheet
170Kb / 19P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
UT54ACTQ16245 AEROFLEX-UT54ACTQ16245 Datasheet
150Kb / 12P
   RadHard CMOS 16-bit Bidirectional Transceiver, TTL Inputs, and Three-State Outputs
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com