Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858001QXC Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # 5962R9858001QXC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858001QXC Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button 5962R9858001QXC Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 9Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 10Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 11Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 12Page - Aeroflex Circuit Technology 5962R9858001QXC Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AC ELECTRICAL CHARACTERISTICS 1 (Port A = Port B, 5 Volt Operation)
(V
DD1 = 5V ±10%; V DD2 = 5.0V +10%, -55°C < T C < +125°C)
Notes:
1. All specifications valid for radiation dose
≤ 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. DIRx to bus times are guaranteed by design, but not tested. OEx to bus times are tested
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
t
PLH
Propagation delay Data to Bus
1
15
ns
tPHL
Propagation delay Data to Bus
1
15
ns
tPZL
Output enable time OEx to Bus
1
12
ns
t
PZH
Output enable time OEx to Bus
1
12
ns
tPLZ
Output disable time OEx to Bus high impedance
1
15
ns
tPHZ
Output disable time OEx to Bus high impedance
1
15
ns
tPZL
2
Output enable time DIRx to Bus
1
12
ns
tPZH
2
Output enable time DIRx to Bus
1
12
ns
t
PLZ
2
Output disable time DIRx to Bus high impedance
1
15
ns
t
PHZ
2
Output disable time DIRx to Bus high impedance
1
15
ns
tPLZ
tPZH
tPZL
tPHZ
Control Input
5V Output
Normally Low
Enable Disable Times
5V Output
Normally High
VDD
VDD/2
0V
VDD/2
VDD/2
.8VDD
.2VDD
VDD/2+0.2
VDD/2-0.2
.2V
DD + .2V
.8VDD - .2V
t
PHL
Propagation Delay
Input
Output
V
DD
V
DD/2
0V
t
PLH
V
OH
V
OL
V
DD/2


Similar Part No. - 5962R9858001QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9858101VXC INTERSIL-5962R9858101VXC Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
logo
Aeroflex Circuit Techno...
5962R9858301QXA AEROFLEX-5962R9858301QXA Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXC AEROFLEX-5962R9858301QXC Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXX AEROFLEX-5962R9858301QXX Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
5962R9858301QXXA AEROFLEX-5962R9858301QXXA Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
More results

Similar Description - 5962R9858001QXC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164646S AEROFLEX-UT54ACS164646S Datasheet
170Kb / 19P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
UT54ACTQ16245 AEROFLEX-UT54ACTQ16245 Datasheet
150Kb / 12P
   RadHard CMOS 16-bit Bidirectional Transceiver, TTL Inputs, and Three-State Outputs
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com