Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNZ3734 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CNZ3734
Description  Optoisolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ3734 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CNZ3734 Datasheet HTML 1Page - Panasonic Semiconductor CNZ3734 Datasheet HTML 2Page - Panasonic Semiconductor CNZ3734 Datasheet HTML 3Page - Panasonic Semiconductor CNZ3734 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Optoisolators (Photocouplers)
CNZ3731, CNC7C501, CNZ3734
CNC2S501, CNC7C502, CNC7H501
Optoisolators
Overview
The CNZ3731 series of optoisolators consist of a GaAs infrared
LED which is optically coupled with a Si NPN Darlington
phototransistor, and housed in a small DIL package. The series
provides high I/O isolation voltage and high collector/emitter isolation
voltage, as well as a high current transfer ratio (CTR). This opto
isolator series also includes the two-channel CNC7C501 and the four-
channel CNZ3734, and A type of these models with increased
collector to emitter breakdown voltage (VCEO > 350V).
Features
High collector to emitter breakdown voltage : VCEO > 300 V,
A type : VCEO > 350 V
High current transfer ratio with Darlington phototransistor output :
CTR = 4000% (typ.)
High I/O isolation voltage : VISO ≥ 5000 Vrms
Small DIL package for saving mounting space
UL listed (UL File No. E79920)
A-type models have a guaranteed internal insulating distance of 0.4 mm
Applications
Telephones
Telephone exchange
FAX
Programmable controllers
Signal transfer between circuits with different potentials and impedances
Unit : mm
CNZ3731/CNC2S501
CNC7C501/CNC7C502
CNZ3734/CNC7H501
Unit : mm
Unit : mm
1,3,5,7:
2,4,6,8:
9,11,13,15:
10,12,14,16:
1: Anode
2: Cathode
3: Emitter
4: Collector
1,3: Anodee
2,4: Cathode
5,7: Emitter
6,8: Collector
Anode
Cathode
Emitter
Collector
0 to
15˚
0 to
15˚
0 to
15˚
0 to
15˚
1
23
4
1
2
3
4
7
8
5
6
7.62
±0.3
2.54 min.
0.5 min.
6.2
±0.5
7.62
±0.3
6.2
±0.5
1
2
3
4
5
6
7
8
13
14
15
16
9
10
11
12
0 to
15˚
0 to
15˚
7.62
±0.3
6.2
±0.5
5.2 max.
2.54 min.
0.5 min.
5.2 max.
2.54 min.
0.5 min.
5.2 max.
LED Mark
LED Mark
LED Mark
Pin Connection
Top View
CNZ3731
CNC2S501
Top View
CNC7C501
CNC7C502
1
2
4
3
1
2
8
7
3
4
6
5
1
2
16
15
3
4
14
13
5
6
12
11
7
8
10
9
CNZ3734
CNC7H501
Top View


Similar Part No. - CNZ3734

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ3132 PANASONIC-CNZ3132 Datasheet
91Kb / 4P
   Optoisolators
CNZ3133 PANASONIC-CNZ3133 Datasheet
91Kb / 4P
   Optoisolators
CNZ3134 PANASONIC-CNZ3134 Datasheet
91Kb / 4P
   Optoisolators
CNZ3182 PANASONIC-CNZ3182 Datasheet
92Kb / 4P
   Optoisolators
CNZ3182 PANASONIC-CNZ3182 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
More results

Similar Description - CNZ3734

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com