Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4F800 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4F800
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4F800 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4F800 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4F800 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AO4F800
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
19
24
VDS=5V, ID=8.8A
1040
180
110
0.7
VGS=10V, VDS=15V, ID=8.8A
VGS=10V, VDS=15V, RL=1.7Ω, RGEN=3Ω
IF=8.8A, dI/dt=100A/µs
IF=8.8A, dI/dt=100A/µs
0
2
4
6
8
10
04
8
12
16
20
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
250
500
750
1000
1250
1500
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
10
µs
VDS=15V
ID=8.3A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=62.5°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
f=1MHz
VGS=0V
TJ(Max)=150°C, TA=25°C
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4F800

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AO40K48 ASTEC-AO40K48 Datasheet
155Kb / 2P
   120Watts DC-DC Converter
AO40K48-6 ASTEC-AO40K48-6 Datasheet
155Kb / 2P
   120Watts DC-DC Converter
AO40K48-6L ASTEC-AO40K48-6L Datasheet
155Kb / 2P
   120Watts DC-DC Converter
AO40K48-6S ASTEC-AO40K48-6S Datasheet
155Kb / 2P
   120Watts DC-DC Converter
AO40K48-6SL ASTEC-AO40K48-6SL Datasheet
155Kb / 2P
   120Watts DC-DC Converter
More results

Similar Description - AO4F800

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4824 AOSMD-AO4824 Datasheet
134Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com