Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4709L Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4709L
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4709L Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4709L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4709L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4709L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4709L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4709L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AO4
709
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: SCHOTTKY
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF (Volts)
Figure 12: Schottky Forward Characteristics
0
50
100
150
200
250
0
5
10
15
20
25
30
VKA (Volts)
Figure 13: Schottky Capacitance Characteristics
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 15: Schottky Leakage current vs. Junction
Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Schottky Normalized Maximum Transient Thermal Impedance
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 14: Schottky Forward Drop vs.
Junction Temperature
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=40°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
f = 1MHz
IF=1A
25°C
IF=3A
VR=30V
125°C
Ton
T
PD
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4709L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700L AOSMD-AO4700L Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Guangdong Kexin Industr...
AO4702 KEXIN-AO4702 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4709L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com