Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4616 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AO4616
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4616 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AO4616 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4616 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AO4616
P-CH TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
012
345
-VDS (Volts)
Fig 16: On-Region Characteristics
VGS=-3V
-5V
-3.5V
-4V
-10V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
5
-VGS(Volts)
Figure 17: Transfer Characteristics
10
15
20
25
30
35
40
0
5
10
15
20
25
-ID (A)
Figure 18: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
-VSD (Volts)
Figure 21: Body-Diode Characteristics
25°C
125°C
0.80
1.00
1.20
1.40
1.60
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 19: On-Resistance vs. Junction
Temperature
VGS=-10V
VGS=-4.5V
ID=-5.6A
10
20
30
40
50
60
34
5678
9
10
-VGS (Volts)
Figure 20: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=-5V
VGS=-4.5V
VGS=-10V
ID=-7.1A
25°C
125°C
ID=-7.1A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4616

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4616 AOSMD-AO4616 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
Guangdong Kexin Industr...
AO4616 KEXIN-AO4616 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4616 VBSEMI-AO4616 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4616 UMW-AO4616 Datasheet
540Kb / 11P
   30V P-Channel And N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO4616

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com