Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF2432 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF2432
Description  Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2432 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF2432 Datasheet HTML 6Page - Texas Instruments TRF2432 Datasheet HTML 7Page - Texas Instruments TRF2432 Datasheet HTML 8Page - Texas Instruments TRF2432 Datasheet HTML 9Page - Texas Instruments TRF2432 Datasheet HTML 10Page - Texas Instruments TRF2432 Datasheet HTML 11Page - Texas Instruments TRF2432 Datasheet HTML 12Page - Texas Instruments TRF2432 Datasheet HTML 13Page - Texas Instruments TRF2432 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
MODES OF OPERATION
Power Modes
Active Mode
−Tx or RX on depending on
TR setting
−VCOs on
−PA on if PAEN=HIGH and
TR=HIGH
− Can calibrate Rx DC I&Q offset
if TR=LOW
Idle Mode
Standby Mode +
− RF/IF VCOs on
Standby Mode
− Crystal oscilator on
− REFOUT buffer on at
crystal frequency only.
− All registers active
− SERIAL port is active.
PE=
PE=
Serial CMD
Power Off
Vcc=0V
Sleep Mode
& PE=LOW
Serial CMD
Serial CMD
Power On
TRF2432
SLWS177A – APRIL 2005 – REVISED DECEMBER 2005
Table 3. Serial Register Definitions (continued)
NAME
SYMBOL
# OF
DEFAULTS(1)
DESCRIPTION
BITS
Fractional N IF synthesizer
FN_IF
1
0
FN_IF =1 enables the fractional N IF synthesizer when in
idle or active mode. FN = 0 sets the IF synthesizer to a
fixed frequency (374 MHz with 44 MHz crystal) for low
power consumption.
TX output buffer high power
TX_HP
1
0
TX_HP = 1 puts IF amplifier in high linearity mode. TX_HP
= 0 puts the IF amplifier into normal linearity mode to save
current. This does not change linearity of the RFFE.
Figure 2. Power Modes
10


Similar Part No. - TRF2432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2432 TI-TRF2432 Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
TRF2432IRTQR TI-TRF2432IRTQR Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
TRF2432IRTQRG3 TI-TRF2432IRTQRG3 Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
TRF2432IRTQT TI-TRF2432IRTQT Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
TRF2432IRTQTG3 TI-TRF2432IRTQTG3 Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
More results

Similar Description - TRF2432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2432 TI-TRF2432_07 Datasheet
550Kb / 24P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Down-Conversion
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com