Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4613L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4613L
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4613L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4613L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4613L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
IAR
A
EAR
mJ
TJ, TSTG
°C
Symbol
Typ
Units
n-ch
55
62.5 °C/W
n-ch
92
110
°C/W
RθJL
n-ch
37
50
°C/W
p-ch
48
62.5 °C/W
p-ch
84
110
°C/W
RθJL
p-ch
37
50
°C/W
Thermal Characteristics: n-channel and p-channel
-55 to 150
-55 to 150
20
Avalanche Current
B
Repetitive avalanche energy 0.1mH
B
15
11
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
30
-30
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Max
20
Absolute Maximum Ratings T A=25°C unless otherwise noted
Parameter
Max n-channel
W
7.2
6.1
30
2
1.44
-5.1
-6.1
2
1.44
A
Continuous Drain
Current
A
TA=25°C
ID
TA=70°C
Pulsed Drain Current
B
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-30
TA=70°C
Power Dissipation
TA=25°C
PD
Steady-State
Junction and Storage Temperature Range
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
AO4613
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 7.2A (VGS=10V)
-6.1A (VGS=10V)
RDS(ON)
RDS(ON)
< 24m
Ω (VGS=10V)
< 37m
Ω (VGS = -10V)
< 40m
Ω (VGS=4.5V)
< 60m
Ω (VGS = -4.5V)
ESD rating: 1500V (HBM)
General Description
The AO4613 uses advanced trench
technology MOSFETs to provide
excellent RDS(ON) and low gate charge.
The complementary MOSFETs may be
used to form a level shifted high side
switch, and for a host of other
applications. It is ESD protected.
Standard product AO4613 is Pb-free
(meets ROHS & Sony 259
specifications). AO4613L is a Green
Product ordering option. AO4613 and
AO4613L are electrically identical
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
n-channel
p-channel
G2
D2
S2
G1
D1
S1
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4613L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
More results

Similar Description - AO4613L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com