Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5124RGER Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5124RGER
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5124RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5124RGER Datasheet HTML 3Page - Texas Instruments TPS5124RGER Datasheet HTML 4Page - Texas Instruments TPS5124RGER Datasheet HTML 5Page - Texas Instruments TPS5124RGER Datasheet HTML 6Page - Texas Instruments TPS5124RGER Datasheet HTML 7Page - Texas Instruments TPS5124RGER Datasheet HTML 8Page - Texas Instruments TPS5124RGER Datasheet HTML 9Page - Texas Instruments TPS5124RGER Datasheet HTML 10Page - Texas Instruments TPS5124RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
PWM OPERATION
LIGHT-LOAD CONDITION
I
OUT(LL) [
1
2
L
ƒ
V
In )
V
OUT
V
OUT
V
IN
(1)
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
The main control loop of the switching mode power supply (SMPS) is designed as an adaptive on-time pulse
width modulation (PWM) controller. It supports a proprietary D-CAP Mode. D-CAP Mode uses an internal
compensation circuit and is suitable for low external component-count configuration, with appropriate amount of
ESR at the output capacitor(s). The output voltage is monitored at a feedback point voltage. The reference
voltage at the feedback point is a combination of a fixed 0.750-V precision reference and a synchronized,
precision 15-mV ramp signal. Lower output voltages in notebook systems (e.g., 1.05 V, 1.5 V) require extremely
low output ripple. By providing a ramp signal, the TPS51124 is easier to use in low-output ripple systems. The
combination of the precision ramp and reference yield an effective target reference of 0.758 V. The accuracy of
this effective reference remains 1.3% over line and temperature.
At the beginning of each cycle, the synchronous high-side MOSFET is turned on, or becomes ON state. This
MOSFET is turned off, or becomes OFF state, after the internal one-shot timer expires. This one shot is
determined by the converter’s input voltage, VIN, and the output voltage, VOUT, to keep the frequency fairly
constant over the input voltage range; hence, it is called adaptive on-time control (see PWM Frequency and
Adaptive On-time Control). The high-side MOSFET is turned on again when feedback information indicates
insufficient output voltage, and inductor current information indicates a below-the-over-current limit condition.
Repeating operation in this manner, the controller regulates the output voltage. The synchronous low-side
MOSFET is turned on each OFF state to keep the conduction loss at a minimum. The low-side MOSFET is
turned off when the inductor current information detects zero level. This enables seamless transition to the
reduced frequency operation at light-load conditions so that high efficiency is kept over a broad range of load
current.
TPS51124 automatically reduces switching frequency at light-load conditions to maintain high efficiency. This
reduction of frequency is achieved smoothly and without increase of Vout ripple or load regulation. Detail
operation is described as follows. As the output current decreases from heavy-load condition, the inductor
current is also reduced, and eventually comes to the point that its valley touches zero current, which is the
boundary between continuous conduction and discontinuous conduction modes. The low-side MOSFET is turned
off when this zero inductor current is detected. As the load current is further decreased, the converter runs in
discontinuous conduction mode and it takes longer and longer to discharge the output capacitor to the level that
requires the next ON cycle. The ON time is kept the same as that in the heavy-load condition. In reverse, when
the output current increases from light load to heavy load, the switching frequency increases to the preset value
as the inductor current reaches the continuous conduction. The transition load point to the light-load operation,
IOUT(LL) (i.e., the threshold between continuous and discontinuous conduction mode) can be calculated as follows;
where f is the PWM switching frequency.
Switching frequency versus output current in the light-load condition is a function of L, f, Vin, and Vout, but it
decreases almost proportional to the output current from the IOUT(LL) given in Equation 1.
It should be noted that in the PWM control path is a small ramp . This ramp is transparent in normal, continuous
conduction mode and does not measurably affect the regulation voltage. However, in discontinuous, light-load
mode, an upward shift in regulation voltage of about 0.75% will be observed. The variation of this shift minimally
affects the reference tolerance. Therefore, the reference value in skip mode is 0.764 V
±1.3% over line and
temperature.
7


Similar Part No. - TPS5124RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTG4 TI-TPS5124DBTG4 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results

Similar Description - TPS5124RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com