Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4610 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4610
Description  Complementary Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4610 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4610 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4610 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
VDS
IDM
TJ, TSTG
Junction and Storage Temperature Range
Parameter
Maximum Schottky
Units
-55 to 150
-55 to 150
Reverse Voltage
30
V
Continuous Forward
Current A
TA=25°C
ID
3
A
TA=70°C
2
TA=70°C
Power Dissipation
TA=25°C
PD
A
Continuous Drain
Current A
TA=25°C
ID
TA=70°C
Pulsed Drain CurrentB
-30
W
8.5
6.6
30
2
1.28
-5.6
-7.1
2
1.28
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
30
-30
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Pulsed Forward CurrentB
20
Power DissipationA
TA=25°C
PD
2
W
TA=70°C
1.28
Junction and Storage Temperature Range
-55 to 150
°C
AO4610
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 8.5A(VGS=10V)
-7.1A(VGS = -10V)
RDS(ON)
RDS(ON)
< 18mΩ (VGS=10V)
< 25mΩ (VGS = -10V)
< 28mΩ (VGS=4.5V)
< 40mΩ (VGS = -4.5V)
VF<0.5V@1A
General Description
The AO4610 uses advanced trench
technology MOSFETs to provide excellent
RDS(ON) and low gate charge. The
complementary MOSFETs may be used in
inverter and other applications. A Schottky
diode is co-packaged with the n-channel FET
to minimize body diode losses.Standard
Product AO4610 is Pb-free (meets ROHS &
Sony 259 specifications). AO4610L is a
Green Product ordering option. AO4610
and AO4610L are electrically identical.
G1
S1
G2
S2/A
D1
D1
D2/K
D2/K
1
2
3
4
8
7
6
5
SOIC-8
G1
D1
S1
n-channel
p-channel
G2
D2
S2
K
A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4610

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
219Kb / 7P
   60V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4611 VBSEMI-AO4611 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4611-HF KEXIN-AO4611-HF Datasheet
2Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO4610

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com