Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51124 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51124
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51124 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51124 Datasheet HTML 1Page - Texas Instruments TPS51124 Datasheet HTML 2Page - Texas Instruments TPS51124 Datasheet HTML 3Page - Texas Instruments TPS51124 Datasheet HTML 4Page - Texas Instruments TPS51124 Datasheet HTML 5Page - Texas Instruments TPS51124 Datasheet HTML 6Page - Texas Instruments TPS51124 Datasheet HTML 7Page - Texas Instruments TPS51124 Datasheet HTML 8Page - Texas Instruments TPS51124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
75 k
9
10
11
12
PGOOD1
EN1
PGOOD2
EN2
TPS51124RGE
(QFN24)
13
14
15
16
VBST1
DRVL1
LL1
DRVH1
VBST2
DRVH2
LL2
DRVL2
17
8
7
6
5
4
3
2
1
18
19
20
21
22
23
24
VO1
1.05 V/10 A
Q2
IRF8113
L1
Q1
IRF7821
VO2
1.5 V/10 A
Q4
IRF8113
L2
Q3
IRF7821
Input Voltage
3 V to 28 V
PowerPAD
TM
C7
R6
C3
C1
C6
C4
R3
6.8
C8
R7
R1
R2
75
R5
R4
V5IN
4.5 V to 5.5 V
Power
Good2
EN2
C5
C2
Power
Good1
EN1
SGND
PGND
PGND
SGND
C9
SGND PGND
PGND
73.2 k
k
28.7 k
22 µF
2 x 330 µF
1 µH
10 µF
0.1 µF
4.7 F
6.8 k
1 F
3.3
k
0.1 µF
10 µF
1 µH
2 x 330 µF
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR
LOW VOLTAGE POWER RAILS
High Efficiency, Low-Power Consumption,
The TPS51124 is a dual, adaptive on-time D-CAP™
Shutdowns to <1
µA
mode synchronous buck controller. The part enables
system designers to cost effectively complete the
Fixed Frequency Emulated On-Time Control,
suite of notebook power bus regulators with the
Frequency Selectable From Three Options
absolute lowest external component count and lowest
D-CAP™ Mode Enables Fast Transient
standby consumption. The fixed frequency emulated
Response
adaptive on-time control supports seamless operation
Auto-Skip Mode
between PWM mode at heavy load condition and
reduced frequency operation at light load for high
Less Than 1% Initial Reference Accuracy
efficiency down to milliampere range. The main
Low Output Ripple
control loop for the TPS51124 uses the D-CAP mode
Wide Input Voltage Range: 3 V to 28 V
that optimized for low ESR output capacitors such as
POSCAP
or
SP-CAP
promises
fast
transient
Output Voltage Range: 0.76 V to 5.5 V
response with no external compensation. Simple and
Low-Side RDS(ON) Loss-less Current Sensing
separate power good signals for each channel allow
Adaptive Gate Drivers With Integrated Boost
flexibility of power sequencing. The part provides a
Diode
convenient and efficient operation with supply input
voltages (V5IN, V5FILT) ranging from 4.5 V to 5.5 V,
Internal 1.2-ms Voltage-Servo Soft Start
conversion
voltages
(drain
voltage
for
the
Power-Good Signals for Each Channel With
synchronous high-side MOSFET) from 3 V to 28 V
Delay Timer
and output voltages from 0.76 V to 5.5 V.
Output Discharge During Disable, Fault
The TPS51124 is available in 24-pin QFN package
specified from –40
°C to 85°C ambient temperature
range.
Notebook I/O and Low Voltage System Bus
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results

Similar Description - TPS51124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com