Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1118G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCET1118G
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1118G Datasheet(HTML) 2 Page - Vishay Siliconix

  TCET1118G Datasheet HTML 1Page - Vishay Siliconix TCET1118G Datasheet HTML 2Page - Vishay Siliconix TCET1118G Datasheet HTML 3Page - Vishay Siliconix TCET1118G Datasheet HTML 4Page - Vishay Siliconix TCET1118G Datasheet HTML 5Page - Vishay Siliconix TCET1118G Datasheet HTML 6Page - Vishay Siliconix TCET1118G Datasheet HTML 7Page - Vishay Siliconix TCET1118G Datasheet HTML 8Page - Vishay Siliconix TCET1118G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83546
Rev. A3, 18-Mar-03
VISHAY
TCET111.(G)
Vishay Semiconductors
Order Information
G = Lead form 10.16 mm; G is not marked on the body,
4 Pin = Single Channel
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the devise. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Emitter
Detector
Coupler
Part
Remarks
TCET1110 (G)
50 to 600 %
TCET1111 (G)
40 to 80 %
TCET1112 (G)
63 to 125 %
TCET1113 (G)
100 to 200 %
TCET1114 (G)
160 to 320 %
TCET1115 (G)
50 to 150 %
TCET1116 (G)
100 to 300 %
TCET1117 (G)
80 to 160 %
TCET1118 (G)
130 to 260 %
TCET1119 (G)
200 to 400 %
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
1.5
A
Power dissipation
PDiss
100
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
PDiss
150
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (RMS)
t = 1 min
VIO
5
kV
Total power dissipation
Ptot
250
mW
Operating ambient temperature
range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case t
≤ 10 s
Tsd
260
°C


Similar Part No. - TCET1118G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1118G VISHAY-TCET1118G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
More results

Similar Description - TCET1118G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com