Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3035761 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3035761
Description  Switching lock - SL-SB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3035761 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3035761 Datasheet HTML 1Page - PHOENIX CONTACT 3035761 Datasheet HTML 2Page - PHOENIX CONTACT 3035761 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/3035761
09/11/2020   Page 1 / 3
Switching lock - SL-SB - 3035761
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Switching lock, for additional locking of short-circuit switching elements in current transformer measuring
circuits, length: 16.3 mm, width: 12.5 mm, height: 13.6 mm, color: white
Your advantages
 Prevents inadvertent switching operations of current transformer switching jumpers
 Switching jumpers can be set to the ON/OFF switch position on both sides
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626138053
Technical data
Technical data
Color
white
Material
PA
Length
16.3 mm
Height
13.6 mm
Width
12.5 mm
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Additional text
For a short time, not exceeding 24 h, -60 to +70 °C
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Flammability rating according to UL 94
V0
Standards and Regulations
Flammability rating according to UL 94
V0


Similar Part No. - 3035761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035760 PHOENIX-3035760 Datasheet
42Kb / 2P
   Connecting bridge - C-ME 4/3
More results

Similar Description - 3035761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0360025 PHOENIX-0360025 Datasheet
54Kb / 2P
   Switching jumper - SB 4-URTK/SP
3026492 PHOENIX-3026492 Datasheet
43Kb / 2P
   Switching jumper - SB 3-8-T
0311236 PHOENIX-0311236 Datasheet
46Kb / 2P
   Switching jumper - SB 2-RTK/S
3026379 PHOENIX-3026379 Datasheet
43Kb / 2P
   Switching jumper - SB 4-8-T
0311265 PHOENIX-0311265 Datasheet
51Kb / 2P
   Switching jumper - SB 4-RTK/S
3035756 PHOENIX-3035756 Datasheet
44Kb / 2P
   Switching jumper - SB-ME 3-6
3000587 PHOENIX-3000587 Datasheet
46Kb / 2P
   Switching jumper - SB-MER 2-8
3000588 PHOENIX-3000588 Datasheet
46Kb / 2P
   Switching jumper - SB-MER 3-8
3026382 PHOENIX-3026382 Datasheet
43Kb / 2P
   Switching jumper - SB 10-8-T
3035755 PHOENIX-3035755 Datasheet
44Kb / 2P
   Switching jumper - SB-ME 2-6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com