Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6419L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO6419L
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6419L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO6419L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6419L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6419L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6419L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
47.5
62.5
74
110
RθJL
37
50
Junction and Storage Temperature Range
A
PD
°C
2
1.4
-55 to 150
TA=70°C
ID
-5
-4.2
-20
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
-30
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO6419
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -5 A (VGS = -10V)
RDS(ON) < 52mΩ (VGS = -10V)
RDS(ON) < 87mΩ (VGS = -4.5V)
RDS(ON) < 110mΩ (VGS = -3.5V)
General Description
The AO6419 uses advanced trench technology to
provide excellent RDS(ON) with low gate charge. This
device is suitable for use as a load switch or in PWM
applications. Standard Product AO6419 is Pb-free
(meets ROHS & Sony 259 specifications). AO6419L
is a Green Product ordering option. AO6419 and
AO6419L are electrically identical.
TSOP6
Top View
G
D
S
G
D
D
S
D
D
1
2
3
6
5
4
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO6419L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6411 AOSMD-AO6411 Datasheet
323Kb / 5P
   20V P-Channel AlphaMOS
AO6414 AOSMD-AO6414 Datasheet
135Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO6414L AOSMD-AO6414L Datasheet
135Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO6415 AOSMD-AO6415 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6415 AOSMD-AO6415 Datasheet
316Kb / 5P
   20V P-Channel MOSFET
More results

Similar Description - AO6419L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com