Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75113D Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75113D
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75113D Datasheet(HTML) 5 Page - Texas Instruments

  SN75113D Datasheet HTML 1Page - Texas Instruments SN75113D Datasheet HTML 2Page - Texas Instruments SN75113D Datasheet HTML 3Page - Texas Instruments SN75113D Datasheet HTML 4Page - Texas Instruments SN75113D Datasheet HTML 5Page - Texas Instruments SN75113D Datasheet HTML 6Page - Texas Instruments SN75113D Datasheet HTML 7Page - Texas Instruments SN75113D Datasheet HTML 8Page - Texas Instruments SN75113D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 30 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
SN55113
SN75113
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
See Figure 1
13
20
13
30
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 1
12
20
12
30
ns
tPZH
Output enable time to high level
RL = 180 Ω, See Figure 2
7
15
7
20
ns
tPZL
Output enable time to low level
RL = 250 Ω, See Figure 3
14
30
14
40
ns
tPHZ
Output disable time from high level
RL = 180 Ω, See Figure 2
10
20
10
30
ns
tPLZ
Output disable time from low level
RL = 250 Ω, See Figure 3
17
35
17
35
ns
PARAMETER MEASUREMENT INFORMATION
≤ 5 ns
90%
1.5 V
10%
Input
Output
VOLTAGE WAVEFORMS
tPHL
10%
1.5 V
90%
≤ 5 ns
TEST CIRCUIT
NAND
Output
CL = 30 pF
(see Note B)
(see Note B)
CL = 30 pF
Output
AND
1 k
5 V
0 V
3 V
50
Input
(see Note A)
Generator
Pulse
VOH
1.5 V
1.5 V
tPLH
1.5 V
1.5 V
tPLH
tPHL
VOL
VOH
VOL
NAND
Output
AND
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, PRR ≤ 500 kHz, tw = 100 ns.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms tPLH and tPHL


Similar Part No. - SN75113D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75113D TI1-SN75113D Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113DR TI1-SN75113DR Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75113D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com