Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6404 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO6404
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6404 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO6404 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6404 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6404 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6404 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
45
62.5
70
110
RθJL
33
50
Junction and Storage Temperature Range
A
PD
°C
2
1.28
-55 to 150
TA=70°C
ID
8.6
6.8
30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Gate-Source Voltage
Drain-Source Voltage
20
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO6404
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 20V
ID = 8.6A (VGS = 10V)
RDS(ON) < 17mΩ (VGS = 10V)
RDS(ON) < 18mΩ (VGS = 4.5V)
RDS(ON) < 24mΩ (VGS = 2.5V)
RDS(ON) < 33mΩ (VGS = 1.8V)
ESD Rating: 2000V HBM
General Description
The AO6404 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V while
retaining a 12V VGS(MAX) rating. It is ESD protected.
Standard Product AO6404 is Pb-free (meets ROHS
& Sony 259 specifications). AO6404L is a Green
Product ordering option. AO6404 and AO6404L are
electrically identical.
G
D
S
G
D
D
S
D
D
1
2
3
6
5
4
TSOP-6
Top View
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO6404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6404 AOSMD-AO6404 Datasheet
219Kb / 4P
   20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6404 KEXIN-AO6404 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO6404-HF KEXIN-AO6404-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6404 AOSMD-AO6404_12 Datasheet
219Kb / 4P
   20V N-Channel MOSFET
More results

Similar Description - AO6404

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com