Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4906 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4906
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4906 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4906 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4906 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4906 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4906 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4906 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AO4906
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: SCHOTTKY
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF (Volts)
Figure 12: Schottky Forward Characteristics
0
50
100
150
200
250
0
5
10
15
20
25
30
VKA (Volts)
Figure 13: Schottky Capacitance Characteristics
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 15: Schottky Leakage current vs. Junction
Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Schottky Normalized Maximum Transient Thermal Impedance
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 14: Schottky Forward Drop vs.
Junction Temperature
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=62.5°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
f = 1MHz
IF=1A
25°C
IF=3A
VR=30V
125°C
Ton
T
PD
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4906

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4906 KEXIN-AO4906 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results

Similar Description - AO4906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4916 ETC1-AO4916 Datasheet
547Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4914A AOSMD-AO4914A Datasheet
184Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4904 AOSMD-AO4904 Datasheet
149Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA3316SA VBSEMI-VBA3316SA Datasheet
773Kb / 9P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4916A AOSMD-AO4916A Datasheet
189Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com