Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AO4902 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part No. AO4902
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AOSMD [Alpha & Omega Semiconductors]
Homepage  http://www.aosmd.com
Logo 

AO4902 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AO4902
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
01
23
45
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=2V
2.5V
3V
4.5V
10V
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
VGS (Volts)
Figure 2: Transfer Characteristics
10
20
30
40
50
60
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
125°C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
Temperature (°C)
Figure 4: On resistance vs. Junction Temperature
VGS=2.5V
VGS=10V
VGS=4.5V
10
20
30
40
50
60
70
02
46
8
10
VGS (Volts)
Figure 5: On resistance vs. Gate-Source Voltage
VDS=5V
VGS=2.5V
VGS=4.5V
VGS=10V
ID=5A
25°C
ID=5A
125°C
25°C
25°C
125°C
Alpha & Omega Semiconductor, Ltd.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn