Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4902 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4902
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4902 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4902 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4902 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4902 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4902 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4902 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Units
VDS
V
VGS
V
TA=25°C
TA=70°C
IDM
VKA
V
TA=25°C
TA=70°C
IFM
TA=25°C
TA=70°C
TJ, TSTG
°C
Symbol
Units
RθJL
RθJL
Maximum Junction-to-Lead
C
Steady-State
Pulsed Forward Current
B
71
32
47.5
RθJA
62.5
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
110
110
Maximum Junction-to-Lead
C
Steady-State
35
-55 to 150
Typ
Maximum Junction-to-Ambient
A
Steady-State
Continuous Forward Current
A
Parameter: Thermal Characteristics MOSFET
Maximum Junction-to-Ambient
A
t ≤ 10s
Parameter
-55 to 150
A
Absolute Maximum Ratings TA=25°C unless otherwise noted
PD
ID
3
A
2
40
Continuous Drain Current
A
Gate-Source Voltage
Schottky
Drain-Source Voltage
IF
40
Thermal Characteristics Schottky
62.5
40
48
74
Max
°C/W
°C/W
MOSFET
30
±12
6.9
5.8
40
2
Pulsed Drain Current
B
Junction and Storage Temperature Range
2
W
Schottky reverse voltage
30
1.44
1.44
Power Dissipation
AO4902
Dual N-Channel Enhancement Mode Field Effect Transistor
with Schottky Diode
Features
VDS (V) = 30V
ID = 6.9A (VGS = 10V)
RDS(ON) < 27mΩ (VGS = 10V)
RDS(ON) < 32mΩ (VGS = 4.5V)
RDS(ON) < 50mΩ (VGS = 2.5V)
SCHOTTKY
VDS (V) = 30V, IF = 3A, VF=0.5V@1A
General Description
The AO4902 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge. The two identical
MOSFETs are co-packaged in parallel with a Schottky
diode, making them ideal for many bridge and totem pole
applications, for e.g. DDR memory.Standard Product
AO4902 is Pb-free (meets ROHS & Sony 259
specifications). AO4902L is a Green Product ordering
option. AO4902 and AO4902L are electrically identical.
SOIC-8
G1
S1/A1
G2
S2/A2
D1/K1
D1/K1
D2/K2
D2/K2
1
2
3
4
8
7
6
5
G1
D1
S1
K1
A1
G2
D2
S2
K2
A2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4902

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO4902 VBSEMI-AO4902 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AO4902

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com