Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4817 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4817
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4817 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4817 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4817 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4817 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4817 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
50
62.5
73
110
RθJL
31
40
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±25
Gate-Source Voltage
Drain-Source Voltage
-30
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
-6.9
-40
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
2
1.44
-55 to 150
TA=70°C
ID
-8
AO4817
Dual P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -8A (VGS = -20V)
RDS(ON) < 18mΩ (VGS = -20V)
RDS(ON) < 21mΩ (VGS = -10V)
ESD Rating: 1.5KV HBM
General Description
The AO4817 uses advanced trench technology to
provide excellent RDS(ON), and ultra-low low gate
charge with a 25V gate rating. This device is suitable
for use as a load switch or in PWM applications. The
device is ESD protected. Standard Product AO4817
is Pb-free (meets ROHS & Sony 259 specifications).
AO4817L is a Green Product ordering option.
AO4817 and AO4817L are electrically identical.
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
D1
S1
G1
D2
S2
G2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4817

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4817 AOSMD-AO4817 Datasheet
174Kb / 4P
   25V Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4817 KEXIN-AO4817 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4817 VBSEMI-AO4817 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4817 AOSMD-AO4817_10 Datasheet
174Kb / 4P
   25V Dual P-Channel MOSFET
More results

Similar Description - AO4817

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com