Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNZ1102 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CNZ1102
Description  Photo Interrupters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1102 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CNZ1102 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1102 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1102 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transmissive Photosensors (Photo Interrupters)
Pin connection
13.0
±0.3
*9.6
±0.3
23
14
*9.4
±0.3
*2.54
±0.2
25.0
±0.35
19.0
±0.2
3.0
±0.2
2-0.45
±0.2
4- 0.45
±0.2
Device
center
Mark for
indicating
LED side
Device
center
2-ø3.2
±0.2
CNZ1102
13.0
±0.3
3.5
±0.2
3.0
±0.2
Mark for indicating
LED side
Unit : mm
Pin connection
CNZ1108
Unit : mm
23
14
23
14
23
14
(Note) * is dimension at the root of leads
(Note) * is dimension at the root of leads
SEC. A-A'
A'
A
CNZ1102,CNZ1108
Photo Interrupters
For contactless SW, object detection
Features
Position detection accuracy : 1.2 mm
Large output current
Fast response : tr, tf = 4 µs (typ.) (CNZ1102)
6
µs (typ.) (CNZ1108)
Small output current variation against change in temperature
Small package used for saving mounting space (CNZ1108)
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol Ratings
Unit
Input (Light
Reverse voltage (DC)
VR
3V
emitting diode)
Forward current (DC)
IF
50
mA
Power dissipation
PD*1
75
mW
Collector current
IC
20
mA
Output (Photo Collector to emitter voltage
VCEO
30
V
transistor)
Emitter to collector voltage
VECO
5V
Collector power dissipation
PC*2
100
mW
Temperature
Operating ambient temperature
Topr –25 to +85
˚C
Storage temperature
Tstg –30 to +100
˚C
*1 Input power derating ratio is 1.0 mW/˚C at Ta
≥ 25˚C.
*2 Output power derating ratio is 1.33 mW/˚C at Ta
≥ 25˚C.
Overview
CNZ1102 and CNZ1108 are a photocoupler in which a high
efficiency GaAs infrared light emitting diode is used as the light
emitting element, and a high sensitivity phototransistor is used as
the light detecting element. The two elements are arranged so as to
face each other, and objects passing between them are detected.


Similar Part No. - CNZ1102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1102 PANASONIC-CNZ1102 Datasheet
70Kb / 4P
   For contactless SW, object detection
More results

Similar Description - CNZ1102

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG248 KODENSHI-SG248 Datasheet
157Kb / 2P
   PHOTO INTERRUPTERS
logo
List of Unclassifed Man...
G-310 ETC-G-310 Datasheet
380Kb / 7P
   PHOTO INTERRUPTERS
logo
KODENSHI_AUK CORP.
SG209 KODENSHI-SG209 Datasheet
143Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1111 PANASONIC-CNZ1111 Datasheet
54Kb / 3P
   Photo Interrupters
logo
KODENSHI_AUK CORP.
SG243 KODENSHI-SG243 Datasheet
116Kb / 2P
   PHOTO INTERRUPTERS
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
   PHOTO INTERRUPTERS
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1021 PANASONIC-CNZ1021 Datasheet
64Kb / 3P
   Photo Interrupters
CNZ1122 PANASONIC-CNZ1122 Datasheet
58Kb / 3P
   Photo Interrupters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com