Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22CV10AS-7 Datasheet(PDF) 7 Page - Anachip Corp

Part # PEEL22CV10AS-7
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10AS-7 Datasheet(HTML) 7 Page - Anachip Corp

Back Button PEEL22CV10AS-7 Datasheet HTML 2Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 3Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 4Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 5Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 6Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 7Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 8Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 9Page - Anachip Corp PEEL22CV10AS-7 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
04-02-010F
Table 6. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 7.0
V
VI, VO
Voltage Applied to Any Pin2
Relative to Ground1
-0.5 to VCC + 0.6
V
IO
Output Current
Per pin (IOL, IOH)±25
mA
TST
Storage Temperature
-65 to + 150
°C
TLT
Lead Temperature
Soldering 10 seconds
+300
°C
Table 7. Operating Ranges
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
Commercial
4.75
5.25
V
Industrial
4.5
5.5
TA
Ambient Temperature
Commercial
0
+70
°C
Industrial
-40
+85
TR
Clock Rise Time
See Note 3
20
ns
TF
Clock Fall Time
See Note 3
20
ns
TRVCC
VCC Rise Time
See Note 3
250
ms
Table 8. D.C. Electrical Characteristics over the recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
VCC = Min, IOH = -4.0mA
2.4
V
VOHC
Output HIGH Voltage - CMOS13
VCC = Min, IOH = -10µA
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 16mA
0.5
V
VOLC
Output LOW Voltage - CMOS13
VCC = Min, IOH = -10µA
0.15
V
VIH
Input HIGH Level
2.0
VCC + 0.3
V
VIL
Input LOW Level
-0.3
0.8
V
IIL
Input Leakage Current
VCC = Max, VIN = GND
≤ VIN £ VCC
±10
µA
IOZ
Output Leakage Current
I/O = High-Z, GND
≤ VO ≤ VCC
±10
µA
ICC10
VCC Current
(See CR-1 for typical ICC)
VIN = 0V or 3V
f = 25MHz
All outputs disabled4
-7/I-7
90/100
mA
-10/I-10
90/100
-15/I-15
135/145
-25/I-25
30/40
CIN7
Input Capacitance
TA = 25°C, VCC = 5.0V
@ f = 1 MHz
6pF
COUT7
Output Capacitance
12
pF
This device has been designed and tested for the recommended
operating conditions. Proper operation outside of these levels is not
guaranteed. Exposure to absolute maximum ratings may cause per-
manent damage.


Similar Part No. - PEEL22CV10AS-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10AS-7 ANACHIP-PEEL22CV10AS-7 Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AS-7 ANACHIP-PEEL22CV10AS-7 Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AS-7L ANACHIP-PEEL22CV10AS-7L Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AS-7L ANACHIP-PEEL22CV10AS-7L Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10AS-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com