Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE1617ADS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE1617ADS
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617ADS Datasheet(HTML) 3 Page - NXP Semiconductors

  NE1617ADS Datasheet HTML 1Page - NXP Semiconductors NE1617ADS Datasheet HTML 2Page - NXP Semiconductors NE1617ADS Datasheet HTML 3Page - NXP Semiconductors NE1617ADS Datasheet HTML 4Page - NXP Semiconductors NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
3
ORDERING INFORMATION
Tamb = 0 °C to +125 °C
Type number
Topside mark
Package
Name
Description
Version
NE1617ADS
NE1617A
SSOP16
(QSOP16)
plastic shrink small outline package; 16 leads; body width 3.9 mm;
lead pitch 0.635 mm
SOT519-1
FUNCTIONAL BLOCK DIAGRAM
COMMAND POINTER
REGISTER
LOCAL TEMP HIGH
LIMIT REGISTER
LOCAL TEMP LOW
LIMIT REGISTER
REMOTE TEMP HIGH
LIMIT REGISTER
REMOTE TEMP LOW
LIMIT REGISTER
CONFIGURATION
REGISTER
LOCAL TEMP HIGH
THRESHOLD
LOCAL LOW TEMP
THRESHOLD
REMOTE HIGH TEMP
THRESHOLD
REMOTE LOW TEMP
THRESHOLD
STATUS REGISTER
SMBUS INTERFACE
ONE-SHOT
REGISTER
CONVERSION RATE
REGISTER
LOCAL TEMP
DATA REGISTER
REMOTE TEMP
DATA REGISTER
ADDRESS
DECODER
INTERRUPT
MASKING
A-TO-D
CONVERTER
CONTROL
LOGIC
LOCAL TEMP
SENSOR
ANALOG
MUX
ALERT
ADD0
ADD1
D–
D+
STDBY
SCLK
SDATA
TEST16
TEST13
TEST9
TEST5
TEST1
GND
GND
VDD
SL01210
NE1617A
Figure 2. Functional block diagram.


Similar Part No. - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617ADS NXP-NE1617ADS Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results

Similar Description - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com