Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NE1617A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617A Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
3
ORDERING INFORMATION
Tamb = 0 °C to +125 °C
Type number
Topside mark
Package
Name
Description
Version
NE1617ADS
NE1617A
SSOP16
(QSOP16)
plastic shrink small outline package; 16 leads; body width 3.9 mm;
lead pitch 0.635 mm
SOT519-1
FUNCTIONAL BLOCK DIAGRAM
COMMAND POINTER
REGISTER
LOCAL TEMP HIGH
LIMIT REGISTER
LOCAL TEMP LOW
LIMIT REGISTER
REMOTE TEMP HIGH
LIMIT REGISTER
REMOTE TEMP LOW
LIMIT REGISTER
CONFIGURATION
REGISTER
LOCAL TEMP HIGH
THRESHOLD
LOCAL LOW TEMP
THRESHOLD
REMOTE HIGH TEMP
THRESHOLD
REMOTE LOW TEMP
THRESHOLD
STATUS REGISTER
SMBUS INTERFACE
ONE-SHOT
REGISTER
CONVERSION RATE
REGISTER
LOCAL TEMP
DATA REGISTER
REMOTE TEMP
DATA REGISTER
ADDRESS
DECODER
INTERRUPT
MASKING
A-TO-D
CONVERTER
CONTROL
LOGIC
LOCAL TEMP
SENSOR
ANALOG
MUX
ALERT
ADD0
ADD1
D–
D+
STDBY
SCLK
SDATA
TEST16
TEST13
TEST9
TEST5
TEST1
GND
GND
VDD
SL01210
NE1617A
Figure 2. Functional block diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn