Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617A Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617A Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2
2004 Oct 05
FEATURES
Replacement for Maxim MAX1617 and Analog Devices ADM1021
Monitors local and remote temperature
Accuracy
60
°C to 100 °C
0
°C to 125 °C
local (on-chip) sensor
±2 °C
±3 °C
remote sensor
±3 °C
±5 °C
No calibration required
Programmable over/under temperature alarm
SMBus 2-wire serial interface up to 100 kHz
3 V to 5.5 V supply range; 5.5 V tolerant
70 µA supply current in operating mode
3 µA (typical) supply current in standby mode
ESD protection exceeds 2000 V HBM per JESD22-A114,
250 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101
Latch–up testing is done to JEDEC standard JESD78, which
exceeds 100 mA
Small 16-lead SSOP (QSOP) package
APPLICATIONS
Desktop computers
Notebook computers
Smart battery packs
Industrial controllers
Telecom equipment
DESCRIPTION
The NE1617A is an accurate two-channel temperature monitor. It
measures the temperature of itself and the temperature of a remote
sensor. The remote sensor is a diode connected transistor. This can
be in the form of either a discrete NPN/PNP, such as the
2N3904/2N3906, or a diode connected PNP built into another die,
such as is done on some INTEL microprocessors.
The temperature of both the remote and local sensors is stored in a
register that can be read via a 2-wire SMBus. The temperatures are
updated at a rate that is programmable via the SMBus (the average
supply current is dependent upon the update rate—the faster the
rate, the higher the current).
In addition to the normal operation, which is to update the
temperature at the programmed rate, there is a one shot mode that
will force a temperature update.
There is also an alarm that senses either an over or under
temperature condition. The trip points for this alarm are also
programmable.
The device can have 1 of 9 addresses (determined by 2 address
pins), so there can be up to 9 of the NE1617A on the SMBus.
It can also be put in a standby mode (in order to save power). This
can be done either with software (over the SMBus) or with hardware
(using the STBY pin).
PIN CONFIGURATION
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
TEST1
VDD
D+
D–
TEST5
ADD1
GND
GND
TEST16
STBY
SCLK
TEST13
SDATA
ALERT
ADD0
TEST9
SL01202
Figure 1. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION/COMMENTS
1
TEST1
Factory use only1
2
VDD
Positive supply2
3
D+
Positive side of remote sensor
4
D–
Negative side of remote sensor
5
TEST5
Factory use only1
6
ADD1
Device address pin (3-State)
7
GND
Ground
8
GND
Ground
9
TEST9
Factory use only1
10
ADD0
Device address pin (3-State)
11
ALERT
Open drain output used as
interrupt or SMBus alert
12
SDATA
SMBus serial data input/output
open drain
13
TEST13
Factory use only1
14
SCLK
SMBus clock input
15
STBY
Hardware standby input pin
HIGH = normal operating mode
LOW = standby mode
16
TEST16
Factory use only1
NOTES:
1. These pins should either float or be tied to ground.
2. VDD pin should be decoupled by a 0.1 µF capacitor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn