Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617A Datasheet(PDF) 16 Page - NXP Semiconductors

Part No. NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617A Datasheet(HTML) 16 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
16
REVISION HISTORY
Rev
Date
Description
_3
20041005
Product data sheet (9397 750 14162). Supersedes data of 2001 Dec 14 (9397 750 09273).
Modifications:
“Features” section on page 2:
– 3rd bullet replace sub-bullets with small table
– 6th bullet: add “up to 100 kHz”
– 7th bullet: add “5.5 V tolerant”
– add 11th and 12th bullets
“Pin configuration” and “Pin description” sections: modify names of test pins
“Ordering information” table: add “Topside marking”
Figure 2, “Functional block diagram” modified.
Section “Typical operating circuit” changed to “Typical application circuit”
– Figure 3 modified; note re-written; one note deleted
“Absolute maximum ratings” table: Operating temperature range max. changed from “+120 °C” to “+125 °C”.
Section “SMBus interface AC speficiations” on page 6: move note below table and number it “1”; add Note 2.
Add references to the notes.
Figure 5: title modified
Section “Remote diode selection” on page 9:
– Add definition of
∆VBE
– Second paragraph: change from “The NE1617A provides two current sources of about 10
µA and 100 µA in
measuring the remote diode VBE and the sensed voltage ...” to “The NE1617A forces two well-controlled
current sources of about 10
µA and 100 µA in measuring the remote diode VBD. The sensed voltage ...”
Add section “No calibration is required” on page 9.
Section “PC board layout consideration” on page 14:
– Add title to (new) Figure 12.
– Add new Figure 13.
– Last paragraph re-written.
_2
20011214
Product data (9397 750 09273). ECN 853-2203 27461 of 14 December 2001.
Supersedes data of 2000 Jul 13 (9397 750 07322).
_1
20000713
(9397 750 07322)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn