Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617A Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1617A Datasheet(HTML) 13 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
13
Power-up default condition
Upon power-up reset (power is switched off-on), the NE1617A goes
into this default condition:
– Interrupt latch is cleared, the ALERT output is pulled HIGH by the
external pull-up resistor.
– The auto-conversion rate is at 0.25 Hz; conversion rate data is
02H.
– Temperature limits for both channels are +127
°C for high limit,
and –55
°C for low limit.
– Command pointer register is set to 00 for quickly reading the RIT.
Fault detection
The NE1617A has a fault detector to the diode connection. The
connection is checked when a conversion is initiated and the proper
flags are set if the fault condition has occurred.
D+ & D–
ALERT
OUTPUT
RET DATA
STORAGE
STATUS SET
FLAG
Opened
Low
127
°C
B2 and B4
Shorted
Low
127
°C
B4
SMBus interface
The device can communicate over a standard 2-wire serial interface
System Management Bus (SMBus) using the device pins SCLK and
SDATA. The device employs four standard SMBus protocols:
Write Byte, Read Byte, Send Byte and Receive Byte. Data formats
of those protocols are shown in Table 8 with following notifications:
– The SMBus master initiates data transfer by establishing a start
condition (S) and terminates data transfer by generating a stop
condition (P).
– Data is sent over the serial bus in sequence of 9 clock pulses
according to each 8-bit data byte followed by 1-bit status of the
device acknowledgement.
– The 7-bit slave address is equivalent to the selected address of
the device.
– The command byte is equivalent to the selected command of the
device register
– The send byte format is often used for the one-shot conversion
command.
– The receive byte format is used for quicker transfer data from a
device reading register which was previously selected by a read
byte format.
Table 8. SMBus programming format
Write byte format (for writing data byte to the device register):
S
ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
P
7 bits
device address
1 bit = 0
by
device
8 bits
device register
by
device
8 bits
to register
by
device
Read byte format (for reading data byte from the device register):
S
ADDRESS
WR
ACK
COMMAND
ACK
S
ADDRESS
RD
ACK
DATA
NACK
P
7 bits
device address
1 bit = 0
by
device
8 bits
device register
by
device
7 bits
device address
1 bit = 1
by
device
8 bits
from
register
by
controller
Send byte format (for sending command without data, such as one-shot command):
S
ADDRESS
WR
ACK
COMMAND
ACK
P
7 bits
device address
1 bit = 0
by
device
8 bits
device register
by
device
Receive byte format (for continuously reading from device register):
S
ADDRESS
RD
ACK
DATA
NACK
P
7 bits
device address
1 bit = 1
by
device
8 bits
from register
by
controller
NOTES:
S = Start condition
P = Stop condition
ACK = Acknowledged
NACK = Not acknowledged


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn