Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1617A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617A Datasheet(HTML) 4 Page - NXP Semiconductors

  NE1617A Datasheet HTML 1Page - NXP Semiconductors NE1617A Datasheet HTML 2Page - NXP Semiconductors NE1617A Datasheet HTML 3Page - NXP Semiconductors NE1617A Datasheet HTML 4Page - NXP Semiconductors NE1617A Datasheet HTML 5Page - NXP Semiconductors NE1617A Datasheet HTML 6Page - NXP Semiconductors NE1617A Datasheet HTML 7Page - NXP Semiconductors NE1617A Datasheet HTML 8Page - NXP Semiconductors NE1617A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
4
TYPICAL APPLICATION CIRCUIT
215
14
12
11
10
678
REMOTE SENSOR
3
4
C1
2200 pF
(NOTE 1)
0.1
µF
VDD
CLOCK
DATA
MICROCONTROLLER
INTERRUPT
R
10 k
SL01248
NE1617A
R
10 k
R
10 k
ADD0 ADD1 GND GND
ALERT
SDATA
SCLK
STBY
VDD
D+
D–
2N3904 (NPN), 2N3906 (PNP) or
similar stand alone,
ASIC or processor thermal diode
NOTES:
1. Typical value, placed close to temperature sensor.
Figure 3. Typical application circuit.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
MAX.
UNIT
VDD to GND
–0.3
+6
V
D+, ADD0, ADD1
–0.3
VDD+0.3
V
D– to GND
–0.3
+0.8
V
SCLK, SDATA, ALERT, STBY
–0.3
+6
V
Input current SDATA
–1
+50
mA
D– current
±1
mA
Operating temperature range
0
+125
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65
+150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn