Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF9030LR1 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF9030LR1
Description  The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9030LR1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9030LR1 Datasheet HTML 1Page - Motorola, Inc MRF9030LR1 Datasheet HTML 2Page - Motorola, Inc MRF9030LR1 Datasheet HTML 3Page - Motorola, Inc MRF9030LR1 Datasheet HTML 4Page - Motorola, Inc MRF9030LR1 Datasheet HTML 5Page - Motorola, Inc MRF9030LR1 Datasheet HTML 6Page - Motorola, Inc MRF9030LR1 Datasheet HTML 7Page - Motorola, Inc MRF9030LR1 Datasheet HTML 8Page - Motorola, Inc MRF9030LR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9030LR1 MRF9030LSR1
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
Gps
18
19
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
η
37
41.5
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IMD
-32.5
-28
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IRL
-15.5
-9
dB
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
Gps
19
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
η
41.5
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IMD
-33
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IRL
-14
dB
Power Output, 1 dB Compression Point
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
P1dB
30
W
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
Gps
19
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
η
60
%
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f = 945.0 MHz, VSWR = 10:1, All Phase Angles at Frequency
of Tests)
Ψ
No Degradation In Output Power
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF21120 The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn