Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8187I Datasheet(PDF) 14 Page - SMSC Corporation

Part # LAN8187I
Description  High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187I Datasheet(HTML) 14 Page - SMSC Corporation

Back Button LAN8187I Datasheet HTML 10Page - SMSC Corporation LAN8187I Datasheet HTML 11Page - SMSC Corporation LAN8187I Datasheet HTML 12Page - SMSC Corporation LAN8187I Datasheet HTML 13Page - SMSC Corporation LAN8187I Datasheet HTML 14Page - SMSC Corporation LAN8187I Datasheet HTML 15Page - SMSC Corporation LAN8187I Datasheet HTML 16Page - SMSC Corporation LAN8187I Datasheet HTML 17Page - SMSC Corporation LAN8187I Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Datasheet
Revision 0.6 (02-24-06)
14
SMSC LAN8187/LAN8187I
DATASHEET
Table 3.2 LED Signals
SIGNAL NAME
TYPE
DESCRIPTION
CRS
O
Carrier Sense: Indicates detection of carrier.
RX_DV
O
Receive Data Valid: Indicates that recovered and decoded data
nibbles are being presented on RXD[3:0].
Note:
This signal is not used in RMII Mode.
SPEED100/
PHYAD0
I/O
LED1 – SPEED100 indication. Active indicates that the selected
speed is 100Mbps. Inactive indicates that the selected speed is
10Mbps.
Note:
This signal is mux’d with PHYAD0
LINK/
PHYAD1
I/O
LED2 – LINK ON indication. Active indicates that the Link
(100Base-TX or 10Base-T) is on.
Note:
This signal is mux’d with PHYAD1
ACTIVITY/
PHYAD2
I/O
LED3 – ACTIVITY indication. Active indicates that there is
Carrier sense (CRS) from the active PMD.
Note:
This signal is mux’d with PHYAD2
FDUPLEX/
PHYAD3
I/O
LED4 – DUPLEX indication. Active indicates that the PHY is in
full-duplex mode.
Note:
This signal is mux’d with PHYAD3
Table 3.3 Management Signals
SIGNAL NAME
TYPE
DESCRIPTION
MDIO
I/O
Management Data Input/OUTPUT: Serial management data
input/output.
MDC
I
Management Clock: Serial management clock.
Table 3.4 Boot Strap Configuration Inputsa
SIGNAL NAME
TYPE
DESCRIPTION
GPO1/
PHYAD4
I/O
PHY Address Bit 4: set the default address of the PHY. This
signal is mux’d with GPO1
FDUPLEX/
PHYAD3
I/O
PHY Address Bit 3: set the default address of the PHY.
Note:
This signal is mux’d with FDUPLEX
ACTIVITY/
PHYAD2
I/O
PHY Address Bit 2: set the default address of the PHY.
Note:
This signal is mux’d with ACTIVITY
LINK/
PHYAD1
I/O
PHY Address Bit 1: set the default address of the PHY.
Note:
This signal is mux’d with LINK
SPEED100/
PHYAD0
I/O
PHY Address Bit 0: set the default address of the PHY.
Note:
This signal is mux’d with SPEED100


Similar Part No. - LAN8187I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187I SMSC-LAN8187I Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187i SMSC-LAN8187i Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I-JT SMSC-LAN8187I-JT Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187i-JT SMSC-LAN8187i-JT Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
More results

Similar Description - LAN8187I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com