Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09579V-100AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C09579V-100AC
Description  3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09579V-100AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C09579V-100AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09579V-100AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
3.3V 16K/32K x 36
FLEx36™ Synchronous Dual-Port Static RAM
CY7C09569V
CY7C09579V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-06054 Rev. *B
Revised April 18, 2005
Features
• True dual-ported memory cells which allow simulta-
neous access of the same memory location
• Two Flow-Through/Pipelined devices
— 16K x 36 organization (CY7C09569V)
— 32K x 36 organization (CY7C09579V)
• 0.25-micron CMOS for optimum speed/power
•Three modes
— Flow-Through
— Pipelined
—Burst
• Bus-Matching Capabilities on Right Port
(x36 to x18 or x9)
• Byte-Select Capabilities on Left Port
• 100-MHz Pipelined Operation
• High-speed clock to data access 5/6/8 ns
• 3.3V Low operating power
— Active = 250 mA (typical)
— Standby = 10
μA (typical)
• Fully synchronous interface for ease of use
• Burst counters increment addresses internally
— Shorten cycle times
— Minimize bus noise
— Supported in Flow-Through and Pipelined modes
• Counter Address Read Back via I/O lines
• Single Chip Enable
• Automatic power-down
• Commercial and Industrial Temperature Ranges
• Compact package
— 144-Pin TQFP (20 x 20 x 1.4 mm)
— 144-Pin Pb-Free TQFP (20 x 20 x 1.4 mm)
— 172-Ball BGA (1.0-mm pitch) (15 x 15 x 0.51 mm)
Note:
1. A0–A13 for 16K; A0–A14 for 32K devices.
Logic Block Diagram
R/WL
B0–B3
OEL
FT/PipeL
I/O18L–I/O26L
A0–A13/14L
CLKL
ADSL
CNTENL
CNTRSTL
A0–A13/14R
CLKR
ADSR
CNTENR
CNTRSTR
Counter/
Address
Register
Decode
True Dual-Ported
RAM Array
Counter/
Address
Register
Decode
9
[1]
[1]
14/15
14/15
I/O27L–I/O35L
9
I/O0L–I/O8L
9
I/O9L–I/O17L
9
CEL
I/O
Control
Left
Port
Control
Logic
R/WR
OER
FT/PipeR
9
9
I/OR
9
9
CER
I/O
Control
Right
Port
Control
Logic
Bus
Match
9/18/36
BM
SIZE
BE
CY7C09569V CY7C09579V CY7C09289V CY7C09369V CY7C09379V CY7C09389V3.3V 16K/32K x 36
FLEx36™ Synchronous Dual-Port Static RAM


Similar Part No. - CY7C09579V-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09579V-100AC CYPRESS-CY7C09579V-100AC Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09579V-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
logo
Integrated Device Techn...
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com