Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM65101 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM65101
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM65101 Datasheet HTML 5Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 6Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 7Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 8Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 9Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 10Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 11Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 12Page - ELAN Microelectronics Corp EM65101 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 3
(This specification is subject to change without further notice)
4.2 Pin Dimensions
Bump Size
Item
Pad No.
X
Y
Unit
Chip size
-
10850
1380
1 ~ 3 ; 144 ~ 146
88
38
4 ~ 51 ; 99 ~ 143
35
78
52 ~ 98
50
61
147 ~ 169 ; 418 ~ 440
96
28
Bump Size
170 ~ 417
28
96
1 ~ 3 ; 144 ~ 146
103
4 ~ 51 ; 99 ~ 143
50
52 ~ 98
65
147 ~ 169 ; 418 ~ 440
43
170 ~ 417
43
Pad Pitch
Min pitch
43
Die thickness
(excluding bumps)
20 ± 1 mil (500 ± 25 um)
Bump Height
17 ± 3 um
Minimum Bump Gap
15 um
Coordinate Origin
Chip center
µm
4.3 Recommended COG ITO Traces Resistor
Interface
ITO Traces Resistances
V0~V4
CAP1+, CAP1-, CAP2+, CAP2-,CAP3+,CAP3-
CAP4+, CAP5+, VOUT, V2X
VDD, VEE, VSS
Max=50Ω
WRB,RDB,CSB,…, D0~D7
Max=3KΩ
RESB
Max=5~10KΩ


Similar Part No. - EM65101

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM65100 EMC-EM65100 Datasheet
728Kb / 75P
   69 COM/ 101 SEG 4 Gray Level STN LCD Driver
EM65100AGH EMC-EM65100AGH Datasheet
728Kb / 75P
   69 COM/ 101 SEG 4 Gray Level STN LCD Driver
More results

Similar Description - EM65101

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
   16 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
Holtek Semiconductor In...
HT1647 HOLTEK-HT1647_10 Datasheet
175Kb / 17P
   4-Level Gray Scale 6416 LCD Controller for I/O MCU
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Sitronix Technology Co....
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
   32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
   128COM x 240SEG Matrix LCD Controller-Driver
logo
NEC
UPD16488A NEC-UPD16488A Datasheet
2Mb / 91P
   1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16686 NEC-UPD16686 Datasheet
788Kb / 99P
   1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com