Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P159NP Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
EM78P159N
8-Bit Microcontrollerwith OTP ROM
6
Product Specification (V1.0) 03.10.2006
(This specification is subject to change without further notice)
4
Function Description
Interrupt
Controller
ROM
Instruction
Register
Instruction
Decoder
R2
ALU
Stack
ACC
R3
R4
Oscillator/Timing
Control
WDT timer
Prescaler
R1(TCC)
RAM
DATA & CONTROL BUS
OSCI
OSCO
/RESET
TCC
/INT
I/O
PORT 6
IOC6
R6
P60//INT
P61
P62
P63
P64
P65
P66
P67
I/O
PORT 5
IOC5
R5
P52
P53
P54
P55
IOCA
P50
P51
P56
Figure 4-1 Function Block Diagram
4.1
Operational Registers
4.1.1 R0 (Indirect Addressing Register)
R0 is not a physically implemented register. Its major function is to perform as an
indirect addressing pointer. Any instruction using R0 as a pointer actually accesses
data pointed by the RAM Select Register (R4).
4.1.2 R1 (Time Clock /Counter)
Increased by an external signal edge, which is defined by TE bit (CONT-4)
through the TCC pin, or by the instruction cycle clock.
Writable and readable as any other registers.
Defined by resetting PAB(CONT-3).
The prescaler is assigned to TCC, if the PAB bit (CONT-3) is reset.
The contents of the prescaler counter will be cleared only when TCC register is
written with a value.


Similar Part No. - EM78P159NP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153 EMC-EM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
List of Unclassifed Man...
EM78P153 ETC1-EM78P153 Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P153BD14 EMC-EM78P153BD14 Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
More results

Similar Description - EM78P159NP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
   8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com