Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AOZ1014 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part No. AOZ1014
Description  EZBuck TM 5A Simple Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AOSMD [Alpha & Omega Semiconductors]
Homepage  http://www.aosmd.com
Logo 

AOZ1014 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
^lwNMNQ
February 2006
www.aosmd.com
Page 7 of 21
Thermal de-rating curves for SO-8 package part under typical input and output condition
Circuit of figure 1. 25ºC ambient temperature and natural convection (air speed<50LFM) unless otherwise specified.
AOZ1014AI De-rating curves at 5 V input
AOZ1014AI De-rating Curve at 5V Input
0
1
2
3
4
5
6
25
35
45
55
65
75
85
Ambient Temperature (Ta)
1.8V output
3.3V output
5V output
3.3V output
5.0V output
1.8V output
AOZ1014AI De-rating curves at 12 V input
AOZ1014AI De-rating Curve at 12V Input
0
1
2
3
4
5
6
25
35
45
55
65
75
85
Ambient Temperature (Ta)
1.8V output
3.3V output
5.0V output
8.0V output
3.3V output
5.0V output
8.0V output
1.8V output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM28522A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
AOZ1010EZBuck TM 2A Simple Buck Regulator 1 2 3 4 5 MoreAlpha & Omega Semiconductors
AOZ1013EZBuck TM 3A Simple Buck Regulator 1 2 3 4 5 MoreAlpha & Omega Semiconductors
LM257452kHz Simple 0.5A Buck Regulator 1 2 3 4 5 Micrel Semiconductor
LM257552kHz Simple 1A Buck Regulator 1 2 3 4 5 MoreMicrel Semiconductor
LM257652kHz Simple 3A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
MIC4574200kHz Simple 0.5A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
LM257452KHZ SIMPLE 0.5A BUCK REGULATOR 1 2 3 4 5 MoreMicrel Semiconductor
MIC4575200kHz Simple 1A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
MIC4576200kHz Simple 3A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn