Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AOZ1010 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part No. AOZ1010
Description  EZBuck TM 2A Simple Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AOSMD [Alpha & Omega Semiconductors]
Homepage  http://www.aosmd.com
Logo 

AOZ1010 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
^lwNMNM=
EZBuck™ 2A Simple Buck Regulator
February 2006
February 2006
www.aosmd.com
Page 1 of 16
General Description
The AOZ1010 is a high efficiency, simple to use, 2A buck
regulator. The AOZ1010 works from a 4.5V to 16V input
voltage range, and provides up to 2A of continuous output
current with an output voltage adjustable down to 0.8V.
The AOZ1010 comes in an SO-8 package and is rated over
a -40°C to +85°C ambient temperature range.
Features
• 4.5V to 16V operating input voltage
range
• 130 m Ω internal PFET switch for high
efficiency: up to 95%
• Internal Schottky Diode
• Internal soft start
• Output voltage adjustable to 0.8V
• 2A continuous output current
• Fixed 500kHz PWM operation
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Small size SO-8 package
Applications
• Point of load dc/dc conversion
• PCIe graphics cards
• Set top boxes
• DVD drives and HDD
• LCD panels
• Cable modems
• Telecom/Networking/Datacom
equipment
Typical Application
L1
C2
VOUT
AOZ1010
C1
LX
VIN
FB
PGND
COMP
EN
AGND
10uF
47uF
4.7uH
From uPC
RC
CC
R1
R2
+3.3V Output
@2A
VIN
Figure 1. 3.3V/2A Buck Down Regulator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM28522A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
AOZ1013EZBuck TM 3A Simple Buck Regulator 1 2 3 4 5 MoreAlpha & Omega Semiconductors
AOZ1014EZBuck TM 5A Simple Buck Regulator 1 2 3 4 5 MoreAlpha & Omega Semiconductors
LM257452kHz Simple 0.5A Buck Regulator 1 2 3 4 5 Micrel Semiconductor
LM257552kHz Simple 1A Buck Regulator 1 2 3 4 5 MoreMicrel Semiconductor
LM257652kHz Simple 3A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
MIC4574200kHz Simple 0.5A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
LM257452KHZ SIMPLE 0.5A BUCK REGULATOR 1 2 3 4 5 MoreMicrel Semiconductor
MIC4575200kHz Simple 1A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor
MIC4576200kHz Simple 3A Buck Voltage Regulator 1 2 3 4 5 MoreMicrel Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn