Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIK-21-75 Datasheet(PDF) 2 Page - Ultralife Corporation.

Part # MIK-21-75
Description  Radio Agnostic SATCOM On-the-Move-System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

MIK-21-75 Datasheet(HTML) 2 Page - Ultralife Corporation.

  MIK-21-75 Datasheet HTML 1Page - Ultralife Corporation. MIK-21-75 Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TechnicalSpecifications:
Part No.
MIK-21-75
Size
26.5”L x 22.5”W x 14.75”H
Weight
60 lbs. (without radio)
Operating temperature
-30° to +55° C
Storage temperature
-50° to +65° C
Operating altitude
27,000 ft.
Storage altitude
55,000 ft.
Humidity
95% relative
Antenna
Optional at additional cost
Amplifier
75-watt
Amplifiedspeaker
MRC-67A
Supported battery types
MRC-490 (V1) Rechargeable
sealed lead acid battery in
MRC-99-01
Power supply/adapter
MRC-99-01
Accessories included
Universal RMT-2 radio mount
Amplifier
2000 Technology Parkway, Newark, New York | 315-332-7100 | Fax: 315-331-7800
©2010 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance • 14 March 2016 Rev A
Radio Agnostic SATCOM On-the-Move-System
MIK-21-75


Similar Part No. - MIK-21-75

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIK0-19PL1 ITT-MIK0-19PL1 Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK0-19PL2 ITT-MIK0-19PL2 Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK0-19SL1 ITT-MIK0-19SL1 Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK0-19SL2 ITT-MIK0-19SL2 Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK0-37PL1 ITT-MIK0-37PL1 Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
More results

Similar Description - MIK-21-75

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
AV2086 ULTRALIFE-AV2086 Datasheet
65Kb / 1P
   Low Profile SATCOM-On-The-Move Antenna
23NOV10 REV:-
logo
Motorola, Inc
GM338 MOTOROLA-GM338 Datasheet
300Kb / 6P
   Conventional MDC Mobile Radio Versatility & Sophistication on the Move
logo
NXP Semiconductors
SAF360X_FAM_SDS PHILIPS-SAF360X_FAM_SDS_15 Datasheet
940Kb / 15P
   Digital radio and processing system-on-chip
Rev. 3-23 January 2015
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
   Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
logo
National Semiconductor ...
LM1868 NSC-LM1868 Datasheet
251Kb / 10P
   Radio System
logo
Ultralife Corporation.
AV2094-1 ULTRALIFE-AV2094-1 Datasheet
73Kb / 1P
   Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
AV2097-1 ULTRALIFE-AV2097-1 Datasheet
133Kb / 1P
   Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
logo
National Semiconductor ...
LM3820 NSC-LM3820 Datasheet
118Kb / 4P
   AM RADIO SYSTEM
LM3820 NSC-LM3820_89 Datasheet
132Kb / 6P
   AM Radio System
logo
ON Semiconductor
NCV-RSL10 ONSEMI-NCV-RSL10 Datasheet
638Kb / 18P
   Bluetooth 5 Radio System-on-Chip (SoC) for Automotive
May, 2020 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com