Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SGF8DWF7 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SGF8DWF7
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SGF8DWF7 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8SGF8DWF7 Datasheet HTML 6Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 7Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 8Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 9Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 10Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 11Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SGF8DWF7 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC
Pin (Source)
100 mA
Total Current out of
GND Pin (Sink)
110 mA
Storage Temperature
Range
−65˚C to +140˚C
ESD Protection Level
2kV (Human Body
Model)
Note 15:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
V
CC Start Voltage to Guarantee POR
0
0.25
V
Power Supply Ripple (Note 4)
Peak-to-Peak
0.1 V
cc
V
Supply Current (Note 5)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 4.5V, tC = 2.5 µs
2.1
mA
HALT Current (Note 6)
V
CC = 5.5V, CKI=0MHz
<410
µA
IDLE Current (Note 5)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
1.5
mA
CKI = 4 MHz
V
CC = 4.5V, tC = 2.5 µs
0.8
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
cc
V
Logic Low
0.2 V
cc
V
CKI, All Other Inputs
Logic High
0.7 V
cc
V
Logic Low
0.2 V
cc
V
Internal Bias Resistor for the
Crystal/Resonator Oscillator
0.5
1
2
M
CKI Resistance to V
CC or GND when R/C
Oscillator is selected
V
CC = 5.5V
5
8
11
k
Hi-Z Input Leakage
V
CC = 5.5V
−5
+5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−35
−400
µA
G and L Port Input Hysteresis
V
CC = 5.5V
0.25 V
cc
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink
V
CC = 4.5V, VOL = 1.0V
9
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 2.7V
−9
−140
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.4
mA
TRI-STATE Leakage
V
CC = 5.5V
−5
+5
µA
Allowable Sink Current per Pin (Note 9)
D Outputs and L0 to L3
15
15
mA
All Others
33
mA
www.national.com
10


Similar Part No. - COP8SGF8DWF7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE5 NSC-COP8SGE5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 NSC-COP8SGE5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGF8DWF7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com